Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F2B6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7FLITE25F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F2B6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7FLITE25F2B6 Datasheet HTML 11Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 12Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 13Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 14Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 15Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 16Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 17Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 18Page - STMicroelectronics ST7FLITE25F2B6 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Pin description
Doc ID 8349 Rev 5
15/166
Port and control configuration:
●
Input:
–
float = floating, wpu = weak pull-up, int = interrupt, ana = analog
●
Output:
–
OD = open drain
–
PP = push-pull
The RESET configuration of each pin is shown in bold which is valid as long as the device is
in reset state.
Table 2.
Device pin description
Pin
No.
Pin name
Level
Port / Control
Main
function
(after
reset)
Alternate function
Input
Output
OD PP
116 VSS
S
−
−
−−
−−
−
− Ground
217 VDD
S
−
−
−−
−−
−
− Main power supply
3
18 RESET
I/O CT
−− X −−
X
−
Top priority non maskable interrupt (active
low)
4
19 PB0/AIN0/SS
I/O
CT
X
ei3
XX
X
Port B0
ADC analog input 0 or SPI Slave
Select (active low)(1)
5
20 PB1/AIN1/SCK
I/O
CT
X
XX
X
Port B1
ADC analog input 1 or SPI Serial
Clock(1)
6
1
PB2/AIN2/MISO
I/O
CT
X
XX
X
Port B2
ADC analog input 2 or SPI Master
in/ Slave out data
7
2
PB3/AIN3/MOSI
I/O
CT
X
ei2
XX
X
Port B3
ADC analog input 3 or SPI Master
out / Slave in data
8
3
PB4/AIN4/CLKIN I/O
CT
X
XX
X
Port B4
ADC analog input 4 or external
clock input
9
4
PB5/AIN5
I/O
CT
X
XX
X
Port B5
ADC analog input 5
10 5
PB6/AIN6
I/O
CT
X
XX
X
Port B6
ADC analog input 6
11 6
PA7
I/O CT HS X
ei1
−
XX
Port A7
−
12 7
PA6 /MCO/
ICCCLK/BREAK
I/O
CT
Xei1
−
XX
Port A6
Main clock output or in circuit
communication clock or external
BREAK(2)
13 8
PA5 /ATPWM3/
ICCDATA
I/O CT HS X
ei1
−
XX
Port A5
Auto-reload timer PWM3 or In
circuit communication data
14 9
PA4/ATPWM2
I/O CT HS X
−
XX
Port A4
Auto-reload timer PWM2
15 10 PA3/ATPWM1
I/O CT HS X
ei0
−
XX
Port A3
Auto-reload timer PWM1
16 11 PA2/ATPWM0
I/O CT HS X
−
XX
Port A2
Auto-reload timer PWM0
17 12 PA1/ATIC
I/O CT HS X
−
XX
Port A1
Auto-reload timer input capture
18 13 PA0/LTIC
I/O CT HS X
−
XX
Port A0
Lite timer input capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com