Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F2M6 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST7FLITE25F2M6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F2M6 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST7FLITE25F2M6 Datasheet HTML 62Page - STMicroelectronics ST7FLITE25F2M6 Datasheet HTML 63Page - STMicroelectronics ST7FLITE25F2M6 Datasheet HTML 64Page - STMicroelectronics ST7FLITE25F2M6 Datasheet HTML 65Page - STMicroelectronics ST7FLITE25F2M6 Datasheet HTML 66Page - STMicroelectronics ST7FLITE25F2M6 Datasheet HTML 67Page - STMicroelectronics ST7FLITE25F2M6 Datasheet HTML 68Page - STMicroelectronics ST7FLITE25F2M6 Datasheet HTML 69Page - STMicroelectronics ST7FLITE25F2M6 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 166 page
background image
I/O ports
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
66/166
Doc ID 8349 Rev 5
Note:
Refer to the Section 10.7: Device-specific I/O port configuration for device specific
information.
Table 22.
I/O port mode options(1)
1.
Legend:
NI - not implemented
Off - implemented not activated
On - implemented and activated.
Configuration mode
Pull-up
P-buffer
Diodes
to VDD
to VSS
Input
Floating with/without interrupt
Off
Off
On
On
Pull-up with/without interrupt
On
Output
Push-pull
Off
On
Open drain (logic level)
Off
True open drain
NI
NI
NI(2)
2.
The diode to VDD is not implemented in the true open drain pads. A local protection between the pad and
VOL is implemented to protect the device against positive stress.
Table 23.
I/O configurations
I/O port
Hardware configuration
Input(1)
NOTE 3
condition
Pad
VDD
RPU
External interrupt
Polarity
Databus
Pull-up
Interrupt
DR register access
W
R
From
other
pins
source (eix)
selection
DR
register
condition
Alternate input
Analog input
To on-chip peripheral
Combinational
logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com