Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3P6C Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM8S003F3P6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3P6C Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM8S003F3P6C Datasheet HTML 57Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 58Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 59Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 60Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 61Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 62Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 63Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 64Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 100 page
background image
(1) Data based on characterization results, not tested in production.
Figure 17: HSE external clock source
V
HSEH
V HSEL
External clock
source
OSCIN
fHSE
STM8
HSE crystal/ceramic resonator oscillator
The HSE clock can be supplied with a 1 to 16 MHz crystal/ceramic resonator oscillator. All
the information given in this paragraph is based on characterization results with specified
typical external components. In the application, the resonator and the load capacitors have
to be placed as close as possible to the oscillator pins in order to minimize output distortion
and start-up stabilization time. Refer to the crystal resonator manufacturer for more details
(frequency, package, accuracy...).
Table 32: HSE oscillator characteristics
Unit
Max
Typ
Min
Conditions
Parameter
Symbol
MHz
16
1
External high speed
oscillator frequency
fHSE
kΩ
220
Feedback resistor
RF
pF
20
Recommended load
capacitance
(2)
C
(1)
mA
6 (startup)
C = 20 pF,
HSE oscillator power
consumption
IDD(HSE)
1.6 (stabilized)
(3)
fOSC = 16 MHz
6 (startup)
C = 10 pF,
1.2 (stabilized)
(3)
fOSC =16 MHz
mA/V
5
Oscillator
transconductance
gm
ms
1
VDD is stabilized
Startup time
tSU(HSE)
(4)
61/100
DocID018576 Rev 3
Electrical characteristics
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com