Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3P6C Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM8S003F3P6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3P6C Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM8S003F3P6C Datasheet HTML 9Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 10Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 11Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 12Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 13Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 14Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 15Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 16Page - STMicroelectronics STM8S003F3P6C Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
• Startup clock: After reset, the microcontroller restarts by default with an internal 2 MHz
clock (HSI/8). The prescaler ratio and clock source can be changed by the application
program as soon as the code execution starts.
• Clock security system (CSS): This feature can be enabled by software. If an HSE clock
failure occurs, the internal RC (16 MHz/8) is automatically selected by the CSS and an
interrupt can optionally be generated.
• Configurable main clock output (CCO): This outputs an external clock for use by the
application.
Table 2: Peripheral clock gating bit assignments in CLK_PCKENR1/2 registers
Peripheral
clock
Bit
Peripheral
clock
Bit
Peripheral
clock
Bit
Peripheral
clock
Bit
ADC
PCKEN23
Reserved
PCKEN27
UART1
PCKEN13
TIM1
PCKEN17
AWU
PCKEN22
Reserved
PCKEN26
Reserved
PCKEN12
Reserved
PCKEN16
Reserved
PCKEN21
Reserved
PCKEN25
SPI
PCKEN11
TIM2
PCKEN15
Reserved
PCKEN20
Reserved
PCKEN24
I
2C
PCKEN10
TIM4
PCKEN14
Power management
4.6
For efficent power management, the application can be put in one of four different low-power
modes. You can configure each mode to obtain the best compromise between lowest power
consumption, fastest start-up time and available wakeup sources.
• Wait mode: In this mode, the CPU is stopped, but peripherals are kept running. The
wakeup is performed by an internal or external interrupt or reset.
• Active halt mode with regulator on: In this mode, the CPU and peripheral clocks are
stopped. An internal wakeup is generated at programmable intervals by the auto wake up
unit (AWU). The main voltage regulator is kept powered on, so current consumption is
higher than in active halt mode with regulator off, but the wakeup time is faster. Wakeup
is triggered by the internal AWU interrupt, external interrupt or reset.
• Active halt mode with regulator off: This mode is the same as active halt with regulator
on, except that the main voltage regulator is powered off, so the wake up time is slower.
• Halt mode: In this mode the microcontroller uses the least power. The CPU and peripheral
clocks are stopped, the main voltage regulator is powered off. Wakeup is triggered by
external event or reset.
Watchdog timers
4.7
The watchdog system is based on two independent timers providing maximum security to
the applications.
Activation of the watchdog timers is controlled by option bytes or by software. Once activated,
the watchdogs cannot be disabled by the user program without performing a reset.
13/100
DocID018576 Rev 3
Product overview
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com