Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-SMBUS-CABLEZ Datasheet(PDF) 4 Page - Analog Devices

Part # USB-SMBUS-CABLEZ
Description  USB-SMBUS-CABLEZ, USB-5PSMBUS-CABLEZ
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

USB-SMBUS-CABLEZ Datasheet(HTML) 4 Page - Analog Devices

  USB-SMBUS-CABLEZ Datasheet HTML 1Page - Analog Devices USB-SMBUS-CABLEZ Datasheet HTML 2Page - Analog Devices USB-SMBUS-CABLEZ Datasheet HTML 3Page - Analog Devices USB-SMBUS-CABLEZ Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
USB-SMBUS-CABLEZ, USB-5PSMBUS-CABLEZ
Rev. 0 | Page 4 of 4
ORDERING INFORMATION
BILL OF MATERIALS
Table 1.
Qty
Reference Designator
Description
Supplier/Part Number1
1
C1
10 nF capacitor, 0603
FEC 301-9561
9
C2, C4 to C7, C9, C14, C15, C16
47 nF capacitor, 0603
FEC 317-445
2
C3, C8
2.2 μF capacitor, Case R
FEC 197-002
2
C10, C11
470 nF capacitor, 0603
FEC 317-275
2
C12, C13
12 pF capacitor, 0603
FEC 721-979
1
D1
Green LED, 0603
FEC 114-1096
1
IC1
ADP3303-3.3, IC, 8-lead SOIC
Analog Devices ADP3303
1
IC2
24LC64, IC, 8-lead SOIC
FEC 975-8070
1
IC3
ADG836, IC, 10-lead MSOP
Analog Devices ADG836
1
IC4
CY7C68013A-56LFXC, IC, 56-lead QFN
Digi-Key 428-1669-ND
1
IC5
P82B96, IC, 8-lead SOIC
FEC 890-6068
1
PL1
7-pin, connector, through-hole pads
Not fitted
3
R1 to R3
10 kΩ resistor, 0603
FEC 923-3504
5
R4, R9, R10, R12, R13
2.2 kΩ resistor, 0603
FEC 933-0810
1
R5
330 kΩ resistor, 0603
FEC 933-1042
2
R6, R7
100 kΩ resistor, 0603
FEC 933-0402
1
R8
1 kΩ resistor, 0603
FEC 933-0380
2
R11, R14
100 Ω resistor, 0805
FEC 923-3881
1
SK1
USB SKT connector, USB Plug Type A
FEC 130-8875
1
SLK1
SLK 3W, link, solder pads
N/A
1
X1
24 MHz crystal, HC49/4H
FEC 950-9640
1 FEC = Farnell Electronics.
ORDERING GUIDE
Model
Description
USB-SMBUS-CABLEZ1
USB Port to 3-Pin I2-Interface Cable
USB-5PSMBUS-CABLEZ1
USB Port to 5-Pin I2C-Interface Cable
1 Z = RoHS Compliant Part.
ESD CAUTION
©2008 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
EB076240-0-8/08(0)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com