Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-SMBUS-CABLEZ Datasheet(PDF) 1 Page - Analog Devices

Part # USB-SMBUS-CABLEZ
Description  USB-SMBUS-CABLEZ, USB-5PSMBUS-CABLEZ
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

USB-SMBUS-CABLEZ Datasheet(HTML) 1 Page - Analog Devices

  USB-SMBUS-CABLEZ Datasheet HTML 1Page - Analog Devices USB-SMBUS-CABLEZ Datasheet HTML 2Page - Analog Devices USB-SMBUS-CABLEZ Datasheet HTML 3Page - Analog Devices USB-SMBUS-CABLEZ Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USB-to-I2C Interface Dongles
USB-SMBUS-CABLEZ, USB-5PSMBUS-CABLEZ
Rev. 0
Evaluation boards are only intended for device evaluation and not for production purposes.
Evaluation boards are supplied “as is” and without warranties of any kind, express, implied, or
statutory including, but not limited to, any implied warranty of merchantability or fitness for a
particular purpose. No license is granted by implication or otherwise under any patents or other
intellectual property by application or use of evaluation boards. Information furnished by Analog
Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devicesforitsuse,norforanyinfringementsofpatentsorotherrightsofthirdpartiesthatmayresult
from its use. Analog Devices reserves the right to change devices or specifications at any time
without notice.Trademarks and registered trademarks are the property of their respective owners.
Evaluationboardsarenotauthorizedtobeusedinlifesupportdevicesorsystems.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
GENERAL DESCRIPTION
This data sheet provides details of the USB-to-I2C® interface
dongles. The USB-SMBUS-CABLEZ is a 3-pin version designed
for use with the ADM1062/ADM1063/ADM1064/ADM1065/
ADM1066/ADM1067/ADM1068/ADM1069 (hereafter referred
to as ADM1062 to ADM1069) family of programmable super
sequencers. The USB-5PSMBUS-CABLEZ is a 5-pin version for
use with the ADM1175/ADM1176/ADM1177/ADM1178 family
of hot swap controllers and ADM1191x power monitoring devices.
The dongles are designed to connect a standard PC or notebook
USB port to a 3-pin or 5-pin header on an evaluation board,
system board, or preprogramming module. The dongles can
then be used to access and program a supported I2C device
using the appropriate PC software. Note that a suitable power
supply must also be provided to the device.
Both dongles provide clock (SCL), data (SDA), and GND
signals. The USB-5PSMBUS-CABLEZ also provides a CONV
and an ALERT signal. The signals are labeled on the crimp
housing of the cable. It is advisable to mark Pin 1 of the header
on the board to ensure correct orientation upon connection, as
shown in Figure 1. Figure 2 shows the schematic for the PCB
contained in the USB port dongle. The schematic is the same for
the USB-SMBUS-CABLEZ and the USB-5PSMBUS-CABLEZ.
SCL
SDA
GND
SCL
SDA
CABLE
3-TERMINAL
CRIMP HOUSING
USB-SMBUS-CABLEZ
3-PIN HEADER
ON ADM1062 TO ADM1069
EVALUATION BOARD
TO PC
USB
PORT
GND
SCL
SDA
GND
CONV
ALERT
SDA
SCL
GND
CABLE
5-TERMINAL
CRIMP HOUSING
5-PIN HEADER ON
ADM1175/ADM1176/ADM1177/
ADM1178 OR ADM119x
EVALUATION BOARD
PIN 1
PIN 1 IS INDICATED BY A TRIANGLE ON THE CRIMP HOUSING.
USB-TO-I2C
DONGLE
USB-TO-I2C
DONGLE
TO PC
USB
PORT
CONV
ALERT
USB-5PSMBUS-CABLEZ
Figure 1. USB-to-I2C Dongle Cable Connections


Similar Part No. - USB-SMBUS-CABLEZ

ManufacturerPart #DatasheetDescription
logo
AG Electronica
USB-SERIAL AGELECTRONICA-USB-SERIAL Datasheet
216Kb / 2P
ADAPTADOR USB-SERIAL COMPATIBLE CON WINDOWS 10
21/10/2019
logo
Mini-Circuits
USB-SP4T-63 MINI-USB-SP4T-63 Datasheet
472Kb / 8P
USB RF SP4T Switch
logo
List of Unclassifed Man...
USB-SSR ETC-USB-SSR Datasheet
1Mb / 10P
USB DIO High Voltage and Relay
June 2021. Rev 4
USB-SSR08 ETC-USB-SSR08 Datasheet
1Mb / 10P
USB DIO High Voltage and Relay
June 2021. Rev 4
USB-SSR24 ETC-USB-SSR24 Datasheet
1Mb / 10P
USB DIO High Voltage and Relay
June 2021. Rev 4
More results

Similar Description - USB-SMBUS-CABLEZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-2301 ETC1-PL-2301 Datasheet
27Kb / 1P
USB TO USB BRIDGE CONTROLLER
logo
Future Technology Devic...
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
USB UART ( USB - Serial) I.C.
logo
Cypress Semiconductor
CY7C68013A CYPRESS-CY7C68013A_06 Datasheet
3Mb / 60P
EZ-USB FX2LP??USB Microcontroller
logo
Future Technology Devic...
FT232BM FTDI-FT232BM Datasheet
575Kb / 25P
USB UART ( USB - Serial) I.C.
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
USB FIFO ( USB - Parallel ) I.C.
logo
Intersil Corporation
ZLUSBREF01 INTERSIL-ZLUSBREF01 Datasheet
235Kb / 6P
USB to SMBus Reference Design
logo
Silicon Laboratories
AN496 SILABS-AN496 Datasheet
170Kb / 36P
HID USB-TO-SMBUS API SPECIFICATION
CP2112 SILABS-CP2112 Datasheet
225Kb / 22P
SINGLE-CHIP HID USB TO SMBUS MASTER BRIDGE
logo
PHOENIX CONTACT
2986135 PHOENIX-2986135 Datasheet
57Kb / 3P
USB cable - CABLE-USB/MINI-USB-3,0M
09/12/2020
logo
Renesas Technology Corp
ISL9241 RENESAS-ISL9241 Datasheet
245Kb / 2P
Buck-Boost Configurable Battery Charger with SMBus Interface and USB
Aug 12, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com