Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SW-7-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT54SW-7-F
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54SW-7-F Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT54SW-7-F Datasheet HTML 1Page - Diodes Incorporated BAT54SW-7-F Datasheet HTML 2Page - Diodes Incorporated BAT54SW-7-F Datasheet HTML 3Page - Diodes Incorporated BAT54SW-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT54W /AW /CW /SW
Document number: DS30065 Rev. 12 - 2
2 of 4
www.diodes.com
October 2012
© Diodes Incorporated
BAT54W /AW /CW /SW
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current (Note 6)
IF
200
mA
Repetitive Peak Forward Current (Note 6)
IFRM
300
mA
Forward Surge Current (Note 6)
@ t < 1.0s
IFSM
600
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
200
mW
Thermal Resistance Junction to Ambient Air (Note 6)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +125
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
30
⎯
⎯
V
IR = 100μA
Forward Voltage
VF
⎯
⎯
240
320
400
500
1000
mV
IF = 0.1mA
IF = 1mA
IF = 10mA
IF = 30mA
IF = 100mA
Reverse Leakage Current (Note 7)
IR
⎯
⎯
2.0
μA
VR = 25V
Total Capacitance
CT
⎯
⎯
10
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
trr
⎯
⎯
5.0
ns
IF = 10mA through IR = 10mA
to IR = 1.0mA, RL = 100Ω
Notes:
6. Mounted on FR-4 PC board with recommended pad layout which can be found on our website at http://www.diodes.com.
7. Short duration pulse test used to minimize self-heating effect.
0.1
0.01
1
0.001
0.0001
0
1.0
0.4
0.6
0.8
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0.001
0.01
0.1
10
1
100
0
510
15
20
25
30
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com