Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SW-7-F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAT54SW-7-F
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54SW-7-F Datasheet(HTML) 3 Page - Diodes Incorporated

  BAT54SW-7-F Datasheet HTML 1Page - Diodes Incorporated BAT54SW-7-F Datasheet HTML 2Page - Diodes Incorporated BAT54SW-7-F Datasheet HTML 3Page - Diodes Incorporated BAT54SW-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAT54W /AW /CW /SW
Document number: DS30065 Rev. 12 - 2
3 of 4
www.diodes.com
October 2012
© Diodes Incorporated
BAT54W /AW /CW /SW
0
2
4
10
8
6
12
0
10
15
5
20
30
25
0
50
100
150
200
250
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Power Derating Curve
A
°
300
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT323
Dim
Min
Max
Typ
A
0.25
0.40
0.30
B
1.15
1.35
1.30
C
2.00
2.20
2.10
D
-
-
0.65
G
1.20
1.40
1.30
H
1.80
2.20
2.15
J
0.0
0.10
0.05
K
0.90
1.00
1.00
L
0.25
0.40
0.30
M
0.10
0.18
0.11
α
0°
8°
-
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.8
X
0.7
Y
0.9
C
1.9
E
1.0
X
E
Y
C
Z
A
M
J
L
D
B C
H
K
G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com