Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3052L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3052L
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3052L Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3052L Datasheet HTML 1Page - Diodes Incorporated DMN3052L Datasheet HTML 2Page - Diodes Incorporated DMN3052L Datasheet HTML 3Page - Diodes Incorporated DMN3052L Datasheet HTML 4Page - Diodes Incorporated DMN3052L Datasheet HTML 5Page - Diodes Incorporated DMN3052L Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN3052L
Document number: DS31406 Rev. 4 - 2
2 of 6
www.diodes.com
July 2009
© Diodes Incorporated
DMN3052L
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Drain-Source Breakdown Voltage
BVDSS
30
⎯
⎯
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
1
μA
VDS = 30V, VGS = 0V
Gate-Body Leakage
IGSS
⎯
⎯
±80
±800
nA
VGS = ±12V, VDS = 0V
VGS = ±19V, VDS = 0V
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(th)
0.62
0.9
1.2
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
⎯
⎯
26
33
52
78
32
42
64
100
m
Ω
VGS = 10V, ID = 5.8A
VGS = 4.5V, ID = 5.0A
VGS = 2.5V, ID = 3.8A
VGS = 2.0V, ID = 2.0A
Forward Transconductance
|Yfs|
⎯
8
⎯
S
VDS = 5V, ID = 3.1A
Source-Drain Diode Forward Voltage
VSD
⎯
0.75
1.2
V
VGS = 0V, IS = 2.0A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
555
⎯
pF
VDS = 5V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
109
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
82
⎯
pF
Total Gate Charge
Qg
⎯
6.3
⎯
nC
VGS = 4.5V, VDS = 15V,
ID = 5.8A
Gate-Source Charge
Qgs
⎯
1.3
⎯
Gate-Drain Charge
Qgd
⎯
1.7
⎯
Notes:
4. Short duration pulse test used to minimize self-heating effect.
0
4
8
12
16
20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Fig. 1 Typical Output Characteristics
V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= 10V
GS
V
= 4.0V
GS
V
= 3.0V
GS
V
= 2.5V
GS
V
= 2.0V
GS
V
= 1.5V
GS
0
4
8
12
16
20
0
0.5
1
1.5
2
2.5
3
3.5
4
Fig. 2 Typical Transfer Characteristics
V
, GATE SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5V
Pulsed
DS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com