Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3052L Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3052L
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3052L Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3052L Datasheet HTML 1Page - Diodes Incorporated DMN3052L Datasheet HTML 2Page - Diodes Incorporated DMN3052L Datasheet HTML 3Page - Diodes Incorporated DMN3052L Datasheet HTML 4Page - Diodes Incorporated DMN3052L Datasheet HTML 5Page - Diodes Incorporated DMN3052L Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN3052L
Document number: DS31406 Rev. 4 - 2
3 of 6
www.diodes.com
July 2009
© Diodes Incorporated
DMN3052L
04
8
12
16
20
I , DRAIN-SOURCE CURRENT (A)
D
Fig 3 On-Resistance vs. Drain Current & Gate Voltage
0.01
0.1
1
V
= 10V
GS
V
= 4.5V
GS
V
= 2.5V
GS
0
0.02
0.04
0.06
0.08
04
8
12
16
20
I , DRAIN-SOURCE CURRENT (A)
D
Fig. 4 On-Resistance vs. Drain Current & Temperature
V
= 4.5V
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 5 Static Drain-Source On-Resistance
vs. Ambient Temperature
0.6
0.8
1.0
1.2
1.4
1.6
V
= 10V
I = 10A
GS
D
V
= 4.5V
I = 5A
GS
D
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 6 Gate Threshold Variation vs. Ambient Temperature
I = 250µA
D
I = 1mA
D
0
0.2
0.4
0.6
0.8
1
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 7 Reverse Drain Current vs. Source-Drain Voltage
0
4
8
12
16
20
T = 25°C
A
0
5
10
15
20
25
Fig. 8 Typical Total Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
10
100
1,000
Ciss
Crss
f = 1MHz
Coss



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com