Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2211CDBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2211CDBVR
Description  Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2211CDBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2211CDBVR Datasheet HTML 6Page - Texas Instruments TLV2211CDBVR Datasheet HTML 7Page - Texas Instruments TLV2211CDBVR Datasheet HTML 8Page - Texas Instruments TLV2211CDBVR Datasheet HTML 9Page - Texas Instruments TLV2211CDBVR Datasheet HTML 10Page - Texas Instruments TLV2211CDBVR Datasheet HTML 11Page - Texas Instruments TLV2211CDBVR Datasheet HTML 12Page - Texas Instruments TLV2211CDBVR Datasheet HTML 13Page - Texas Instruments TLV2211CDBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TLV2211, TLV2211Y
Advanced LinCMOS RAILTORAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at VDD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLV2211Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VDD ± = ± 2.5 V,
VIC = 0,
VO = 0,
0.45
mV
IIO
Input offset current
VDD ± = ± 2.5 V,
RS = 50 Ω
VIC = 0,
VO = 0,
0.5
60
pA
IIB
Input bias current
RS = 50 Ω
1
60
pA
− 0.3
VICR
Common-mode input voltage range
| VIO |≤5 mV,
RS = 50 Ω
− 0.3
to 4.2
V
VICR
Common-mode input voltage range
| VIO | ≤5 mV,
RS = 50 Ω
to 4.2
V
VOH
High-level output voltage
IOH = − 100 µA
4.95
V
VOH
High-level output voltage
IOH = − 250 µA
4.875
V
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 50 µA
12
mV
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 500 µA
120
mV
AVD
Large-signal differential
VIC = 2.5 V,
VO = 1 V to 4 V
RL = 10 kن
12
V/mV
AVD
Large-signal differential
voltage amplification
VIC = 2.5 V,
VO = 1 V to 4 V
RL = 1 Mن
800
V/mV
ri(d)
Differential input resistance
1012
Ω
ri(c)
Common-mode input resistance
1012
Ω
ci(c)
Common-mode input capacitance
f = 10 kHz
5
pF
zo
Closed-loop output impedance
f = 7 kHz,
AV = 1
200
Ω
CMRR
Common-mode rejection ratio
VIC = 0 to 2.7 V,
VO = 2.5 V,
RS = 50 Ω
83
dB
kSVR
Supply voltage rejection ratio
VDD = 4.4 V to 8 V,
VIC = VDD/2,
No load
95
dB
kSVR
Supply voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 4.4 V to 8 V,
VIC = VDD/2,
No load
95
dB
IDD
Supply current
VO = 2.5 V,
No load
13
µA
† Referenced to 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com