Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2211CDBVR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2211CDBVR
Description  Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2211CDBVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV2211CDBVR Datasheet HTML 16Page - Texas Instruments TLV2211CDBVR Datasheet HTML 17Page - Texas Instruments TLV2211CDBVR Datasheet HTML 18Page - Texas Instruments TLV2211CDBVR Datasheet HTML 19Page - Texas Instruments TLV2211CDBVR Datasheet HTML 20Page - Texas Instruments TLV2211CDBVR Datasheet HTML 21Page - Texas Instruments TLV2211CDBVR Datasheet HTML 22Page - Texas Instruments TLV2211CDBVR Datasheet HTML 23Page - Texas Instruments TLV2211CDBVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
TLV2211, TLV2211Y
Advanced LinCMOS RAILTORAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 33
SUPPLY-VOLTAGE REJECTION RATIO†
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
94
92
90
98
100
− 50
− 25
0
25
50
75
100
VDD = 2.7 V to 8 V
VIC = VO = VDD /2
125
−75
96
Figure 34
VDD − Supply Voltage − V
SUPPLY CURRENT†
vs
SUPPLY VOLTAGE
VO = VDD/2
VIC = VDD/2
No Load
TA = 25°C
TA = 85°C
TA = − 40°C
15
10
5
02
4
6
20
25
30
810
0
Figure 35
SLEW RATE‡
vs
LOAD CAPACITANCE
CL − Load Capacitance − pF
0.030
0.05
0.020
0
0.040
0.025
0.035
0.010
0.015
101
102
103
104
105
VDD = 5 V
AV = − 1
TA = 25°C
SR −
SR +
Figure 36
SLEW RATE†‡
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
0.020
0.010
0
0.030
0.040
0.050
− 50
− 25
0
25
50
75
100
SR −
SR +
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
A V = 1
− 75
125
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
‡ For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com