Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1723E/2K Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1723E/2K
Description  DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1723E/2K Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1723E/2K Datasheet HTML 5Page - Texas Instruments PCM1723E/2K Datasheet HTML 6Page - Texas Instruments PCM1723E/2K Datasheet HTML 7Page - Texas Instruments PCM1723E/2K Datasheet HTML 8Page - Texas Instruments PCM1723E/2K Datasheet HTML 9Page - Texas Instruments PCM1723E/2K Datasheet HTML 10Page - Texas Instruments PCM1723E/2K Datasheet HTML 11Page - Texas Instruments PCM1723E/2K Datasheet HTML 12Page - Texas Instruments PCM1723E/2K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
PCM1723
9
SBAS057A
www.ti.com
level until LDL is set to 1. LDR in Register 1 has the same
function for right channel attenuation.
Attenuation Level (ATT) can be controlled as following
Resistor set AL (R) (7:0).
AL (R) (7:0)
ATT LEVEL
00h
–
∞dB (Mute)
01h
–48.16dB
..
..
..
FEh
–0.07dB
FFh
0dB
REGISTER 1 (A1 = 0, A0 = 1)
MAPPING OF PROGRAM REGISTERS
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
MODE0
res
res
res
res
res
A1
A0
LDL
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
MODE1
res
res
res
res
res
A1
A0
LDR
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
MODE2
res
res
res
res
res
A1
A0
PL3
PL2
PL1
PL0
IW1
IW0
OPE
DEM
MUT
MODE3
res
res
res
res
res
A1
A0
IZD
SF1
SF0
DSR1
DSR0
SYS
ATC
LRP
I2S
PROGRAM REGISTER BIT MAPPING
The PCM1723 special functions are controlled using four
program registers that are 16 bits long. These registers are all
loaded using MD. After the 16 data bits are clocked in, ML
is used to latch in the data to the appropriate register. Table
IV shows the complete mapping of the four registers and
Figure 8 illustrates the serial interface timing.
REGISTER
BIT
NAME
NAME
DESCRIPTION
Register 0
AL (7:0)
DAC Attenuation Data for Lch
LDL
Attenuation Data Load Control for Lch
A (1:0)
Register Address
Res
Reserved
Register 1
AR (7:0)
DAC Attenuation Data for Rch
LDL
Attenuation Data Load Control for Rch
A (1:0)
Register Address
Res
Reserved
Register 2
MUT
Left and Right DACs Soft Mute Control
DEM
De-emphasis Control
OPE
Left and Right DACs Operation Control
IW (1:0)
Input Audio Data Bit Select
PL (3:0)
Output Mode Select
A (1:0)
Register Address
res
Reserved
Register 3
I2S
Audio Data Format Select
LRP
Polarity of LRCIN (pin 7) Select
ATC
Attenuator Control
SYS
System Clock Select
DSR (1:0)
Double Sampling Rate Select
SF (1:0)
Sampling Rate Select
IZD
Infinite Zero Detection Circuit Control
A (1:0)
Register Address
Res
Reserved
TABLE IV. Internal Register Mapping.
REGISTER 0 (A1 = 0, A0 = 0)
B15 B14 B13 B12 B11 B10 B9
B8
B7
B6 B5
B4
B3 B2
B1
B0
res res res res res A1 A0 LDL AL7 AL6 AL5 AL4 AL3 AL2 AL1 AL0
Register 0 is used to control left channel attenuation. Bits
0 - 7 (AL0 - AL7) are used to determine the attenuation
level. The level of attenuation is given by:
ATT = [20 log10 (ATT_DATA/255)] dB
ATTENUATION DATA LOAD CONTROL
Bit 8 (LDL) is used to control the loading of attenuation data
in B0:B7. When LDL is set to 0, attenuation data will be
loaded into AL0:AL7, but it will not affect the attenuation
B15 B14 B13 B12 B11 B10 B9 B8
B7 B6
B5
B4 B3
B2
B1 B0
res res res res res
A1 A0 LDR AR7 AR6 AR5 AR4 AR3 AR2 AR1 AR0
Register 1 is used to control right channel attenuation. As
in Register 1, bits 0 - 7 (AR0 - AR7) control the level of
attenuation.
REGISTER 2 (A1 = 1, A0 = 0)
B15 B14 B13 B12 B11 B10 B9 B8
B7
B6 B5
B4
B3
B2
B1
B0
res res res res res A1
A0 PL3 PL2 PL1 PL0 IW1 IW0 OPE DEM MUTE
Register 2 is used to control soft mute, de-emphasis, opera-
tion enable, input resolution, and output format. Bit 0 is used
for soft mute: a HIGH level on bit 0 will cause the output to
be muted (this is ramped down in the digital domain, so no
click is audible). Bit 1 is used to control de-emphasis. A
LOW level on bit 1 disables de-emphasis, while a HIGH
level enables de-emphasis.
Bit 2 (OPE) is used for operational control. Table V illus-
trates the features controlled by OPE.
SOFTWARE MODE
DATA INPUT
DAC OUTPUT
INPUT
Zero
Forced to BPZ(1)
Enabled
Other
Forced to BPZ(1)
Enabled
Zero
Controlled by IZD
Enabled
Other
Normal
Enabled
OPE = 1
OPE = 0
TABLE V. Operation Enable (OPE) Function.
NOTE: (1)
∆∑ is disconnected from output amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com