Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1723E/2K Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1723E/2K
Description  DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1723E/2K Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1723E/2K Datasheet HTML 6Page - Texas Instruments PCM1723E/2K Datasheet HTML 7Page - Texas Instruments PCM1723E/2K Datasheet HTML 8Page - Texas Instruments PCM1723E/2K Datasheet HTML 9Page - Texas Instruments PCM1723E/2K Datasheet HTML 10Page - Texas Instruments PCM1723E/2K Datasheet HTML 11Page - Texas Instruments PCM1723E/2K Datasheet HTML 12Page - Texas Instruments PCM1723E/2K Datasheet HTML 13Page - Texas Instruments PCM1723E/2K Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
PCM1723
10
SBAS057A
www.ti.com
OPE controls the operation of the DAC: when OPE is LOW,
the DAC will convert all non-zero input data. If the input
data is continuously zero for 65,536 cycles of BCKIN, the
output will be forced to zero only if IZD is HIGH. When
OPE is HIGH, the output of the DAC will be forced to
bipolar zero, irrespective of any input data.
IZD = 1
IZD = 0
DATA INPUT
DAC OUTPUT
Zero
Forced to BPZ(1)
Other
Normal
Zero
Zero(2)
Other
Normal
TABLE VI. Infinite Zero Detection (IZD) Function.
RSTB = HIGH
RSTB = LOW
SOFTWARE
MODE
DATA INPUT
DAC OUTPUT
INPUT
Zero
Controlled by OPE and IZD
Enabled
Other
Controlled by OPE and IZD
Enabled
Zero
Forced to BPZ(1)
Disabled
Other
Forced to BPZ(1)
Disabled
TABLE VII. Reset (RSTB) Function.
Bits 3 (IW0) and 4 (IW1) are used to determine input word
resolution. PCM1723 can be set up for input word resolu-
tions of 16, 20, or 24 bits:
Bit 4 (IW1)
Bit 3 (IW0)
Input Resolution
0
0
16-bit Data Word
0
1
20-bit Data Word
1
0
24-bit Data Word
1
1
Reserved
Bits 5, 6, 7, and 8 (PL0:3) are used to control output format.
The output of PCM1723 can be programmed for 16 different
states, as shown in Table VIII.
PL0
PL1
PL2
PL3
Lch OUTPUT
Rch OUTPUT
NOTE
0
0
0
0
MUTE
MUTE
MUTE
0
0
0
1
MUTE
R
0
0
1
0
MUTE
L
0
0
1
1
MUTE
(L + R)/2
0
1
0
0
R
MUTE
0
101
R
R
0
1
1
0
R
L
REVERSE
0
1
1
1
R
(L + R)/2
1
0
0
0
L
MUTE
1
0
0
1
L
R
STEREO
1
010
L
L
1
0
1
1
L
(L + R)/2
1
1
0
0
(L + R)/2
MUTE
1
1
0
1
(L + R)/2
R
1
1
1
0
(L + R)/2
L
1
1
1
1
(L + R)/2
(L + R)/2
MONO
TABLE VIII. Programmable Output Format.
REGISTER 3 (A1 = 1, A0 = 1)
B15 B14 B13 B12 B11 B10 B9
B8 B7
B6
B5
B4
B3
B2
B1 B0
res
res res res res
A1
A0
IZD SF1 SF0 DSR1 DSR0 SYS ATC LRP I2S
Register 3 is used to control input data format and polarity,
attenuation channel control, system clock frequency, sam-
pling frequency, and infinite zero detection.
Bits 0 (I2S) and 1 (LRP) are used to control the input data
format. A LOW on bit 0 sets the format to Normal (MSB-
first, right-justified Japanese format), and a HIGH sets the
format to I2S (Philips serial data protocol). Bit 1 (LRP) is
used to select the polarity of LRCIN (sample rate clock).
When bit 1 is LOW, left channel data are assumed when
LRCIN is in a HIGH phase and right channel data are
assumed when LRCIN is in a LOW phase. When bit 1 is
HIGH, the polarity assumption is reversed.
Bit 2 (ATC) is used for controlling the attenuator. When
bit 2 is HIGH, the attenuation data loaded in program
Register 0 are used for both left and right channels. When
bit 2 is LOW, the attenuation data for each register are
applied separately to left and right channels.
Bit 3 (SYS) is the system clock selection. When bit 3 is
LOW, the system clock frequency is set to 384fS. When bit
3 is HIGH, the system clock frequency is set to 256fS.
Bits 4 (DSR0) and 5 (DSR1) are used to control multiples
of the sampling rate:
DSR1
DSR0
Multiple
0
0
Normal
32/44.1/48kHz
0
1
Double
64/88.2/96kHz
1
0
One-half
16/22.05/24kHz
1
1
Reserved
Not Defined
Bits 6 (SF0) and 7 (SF1) are used to select the sampling
frequency. Frequency selection must be made with an
interval time greater than 20
µs.
SF1
SF0
Sampling Frequency
0
0
44.1kHz group
22.05/44.1/88.2kHz
0
1
48kHz group
24/48/96kHz
1
0
32kHz group
16/32/64kHz
1
1
Reserved
Not Defined
Bit 8 is used to control the infinite zero detection function
(IZD).
When IZD is LOW, the zero detect circuit is off. Under
this condition, no automatic muting will occur if the input
is continuously zero. When IZD is HIGH, the zero detect
feature is enabled. If the input data are continuously zero
for 65,536 cycles of BCKIN, the output will be immedi-
ately forced to a bipolar zero state (VCC/2). The zero
detection feature is used to avoid noise which may occur
when the input is DC. When the output is forced to bipolar
zero, there may be an audible click. PCM1723 allows the
zero detect feature to be disabled so the user can imple-
ment an external muting circuit.
NOTE: (1)
∆∑ is disconnected from output amplifier.
NOTES: (1)
∆∑ is disconnected from output amplifier.
(2)
∆∑ is connected to output amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com