Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF247 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF247
Description  RF POWER TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF247 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF247 Datasheet HTML 1Page - Motorola, Inc MRF247 Datasheet HTML 2Page - Motorola, Inc MRF247 Datasheet HTML 3Page - Motorola, Inc MRF247 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MRF247
MOTOROLA RF DEVICE DATA
Figure 4. Output Power versus Supply Voltage
Figure 5. Output Power versus Supply Voltage
Figure 6. Output Power versus Supply Voltage
Figure 7. Series Equivalent Impedances
40
120
VCC, SUPPLY VOLTAGE (VOLTS)
100
80
60
9
10
11
1213
141516
17
40
120
VCC, SUPPLY VOLTAGE (VOLTS)
100
80
60
9
10
11
1213
141516
17
40
120
VCC, SUPPLY VOLTAGE (VOLTS)
100
80
60
910
11
12
13
14
15
16
17
Pin = 12 W
Pin = 12 W
Pin = 12 W
10 W
8 W
f = 136 MHz
10 W
8 W
f = 150 MHz
10 W
8 W
f = 175 MHz
ZOL*
Zin
f = 136 MHz
175
150
175
ZOL* = Conjugate of the optimum load
ZOL* = impedance into which the device
ZOL* = operates at a given output power,
ZOL* = voltage and frequency.
VCC = 12.5 V, Pout = 75 W
f
MHz
Zin
Ohms
ZOL*
Ohms
136
150
175
0.57 + j1.07
0.55 + j1.13
0.57 + j1.92
1.13 + j0.65
1.13 + j0.73
0.87 + j1.13
1.0
0
+J1.0
2.0
3.0
4.0
5.0
6.0
+J2.0
+J3.0
f = 136 MHz
150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com