Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF247 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF247
Description  RF POWER TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF247 Datasheet(HTML) 1 Page - Motorola, Inc

  MRF247 Datasheet HTML 1Page - Motorola, Inc MRF247 Datasheet HTML 2Page - Motorola, Inc MRF247 Datasheet HTML 3Page - Motorola, Inc MRF247 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MRF247
MOTOROLA RF DEVICE DATA
The RF Line
NPN Silicon
RF Power Transistor
The MRF247 is designed for 12.5 Volt VHF large–signal amplifier applications
in industrial and commercial FM equipment operating to 175 MHz.
• Specified 12.5 Volt, 175 MHz Characteristics —
Output Power = 75 Watts
Power Gain = 7.0 dB Min
Efficiency = 55% Min
• Characterized With Series Equivalent Large–Signal Impedance Parameters
• Internal Matching Network Optimized for Minimum Gain Frequency Slope
Response Over the Range 136 to 175 MHz
• Load Mismatch Capability at Rated Pout and Supply Voltage
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
18
Vdc
Collector–Base Voltage
VCBO
36
Vdc
Emitter–Base Voltage
VEBO
4.0
Vdc
Collector Current — Peak
IC
20
Adc
Total Device Dissipation @ TC = 25°C (1)
Derate above 25
°C
PD
250
1.43
Watts
W/
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case (2)
R
θJC
0.7
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 100 mAdc, IB = 0)
V(BR)CEO
18
—
—
Vdc
Collector–Emitter Breakdown Voltage
(IC = 50 mAdc, VBE = 0)
V(BR)CES
36
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
4.0
—
—
Vdc
(1) This device is designed for RF operation. The total device dissipation rating applies only when the device is operated as an RF amplifier.
(2) Thermal Resistance is determined under specified RF operating conditions by infrared measurement techniques.
Order this document
by MRF247/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF247
75 W, 175 MHz
CONTROLLED Q
RF POWER
TRANSISTOR
NPN SILICON
CASE 316–01, STYLE 1
© Motorola, Inc. 1997
REV 1


Similar Part No. - MRF247

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF247 ASI-MRF247 Datasheet
38Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
MRF247 NJSEMI-MRF247 Datasheet
84Kb / 2P
NPN Silicon RF Power Transistor
More results

Similar Description - MRF247

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com