Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF255PHT Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF255PHT
Description  RF Power Field-Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF255PHT Datasheet(HTML) 1 Page - Motorola, Inc

  MRF255PHT Datasheet HTML 1Page - Motorola, Inc MRF255PHT Datasheet HTML 2Page - Motorola, Inc MRF255PHT Datasheet HTML 3Page - Motorola, Inc MRF255PHT Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MRF255 PHOTOMASTER
MOTOROLA RF DEVICE DATA
The RF MOSFET Line
RF Power
Field-Effect Transistor
N–Channel Enhancement–Mode
Figure 1. 54 MHz Linear RF Test Circuit Electrical Schematic
C1 — 470 pF, Chip Capacitor
C2, C3, C11, C12 — 20 – 200 pF, Trimmer, ARCO #464
C4 — 100 pF, Chip Capacitor
C5, C17 — 100
µF, 15 V, Electrolytic
C6 — 0.001
µF, Disc Ceramic
C7, C8, C9, C10 — 330 pF, Chip Capacitor
C14 — 1200 pF, ATC Chip Capacitor
C15 — 910 pF, 500 V, Dipped Mica
C16 — 47
µF, 16 V, Electrolytic
L1 — 8 Turns, #20 AWG, 0.126
″ ID
L2 — 5 Turns, #18 AWG, 0.142
″ ID
L3 — 3 Turns, #20 AWG, 0.102
″ ID
L4 — 7 Turns, #24 AWG, 0.070
″ ID
L5 — 6.5 Turns, #18 AWG, 0.230
″ ID, 0.5″ Long
N1, N2 — Type N Flange Mount
RFC1 — Ferroxcube VK–200–19/4B
R1 — 39 k
Ω, 1/4 W Carbon
R2 — 150
Ω, 1/4 W Carbon
Board — G–10 .060
″
VGG
VDD
RF
OUTPUT
RF
INPUT
RFC1
+
++
C5
C6
C15
C16
C17
C4
C7
C8
L5
L1
L2
R2
R1
C2
C3
C1
N1
N2
C14
C9
C10
C11
C12
L3
L4
DUT
Handling and Packaging — MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling
and packaging MOS devices should be observed.
Order this document
by MRF255PHT/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF255
PHOTOMASTER
CASE 211–11, STYLE 2
© Motorola, Inc. 1996
REV 1


Similar Part No. - MRF255PHT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF255 MOTOROLA-MRF255 Datasheet
151Kb / 8P
N-CHANNEL BROADBAND RF POWER FET
More results

Similar Description - MRF255PHT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
RF Power Field Effect Transistor
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
RF Power Field Effect Transistor
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
RF FIELD-EFFECT POWER TRANSISTOR
logo
Freescale Semiconductor...
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com