Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVQPLKA08 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVQPLKA08
Description  4.9 mm Square SMD Light Touch Switch es
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPLKA08 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQPLKA08 Datasheet HTML 1Page - Panasonic Semiconductor EVQPLKA08 Datasheet HTML 2Page - Panasonic Semiconductor EVQPLKA08 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Light Touch Switches/EVQPL/3PL/5PL/PT
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES73 –
E
V
Q
P
L
Product Code
Type
Height
123456
89
A
7
Note: Non washable
■ Specifications
4.9 mm Square SMD Light Touch Switches
Type:
EVQPL/EVQ3PL
EVQ5PL/EVQPT
■ Features
● External dimensions : 4.9 mm 4.9 mm,
Height: 0.8 mm(Without push plate), 1.5 mm(With push plate)
■ Explanation of Part Numbers
■ Product Chart
Height
H=0.8 mm
H=1.5 mm
(With Push Plate)
Packaging
Operating Force
Embossed
Embossed
1.0 N
EVQPLBEVQPLD, EVQPT5
1.6 N
EVQPLFEVQPLH, EVQPT9
2.6 N
EVQPLK
EVQPLM
3.5 N
EVQ5PLEVQ3PL
Type
Snap action/Push-on type SPST
Electrical
Rating
10 µA 2 Vdc to 20 mA 15 Vdc (Resistive load)
Contact Resistance
50 m
max.
Insulation Resistance
50 M
min. (at 100 Vdc)
Dielectric Withstanding Voltage
250 Vac for 1 minute
Bouncing
3 ms max. (ON)
8 ms max. (OFF)
Mechanical
Operating Force
1.0 N±0.5 N
1.6 N±0.5 N
2.6 N±0.6 N
3.5 N±1.0 N
Travel
0.25 mm
+0.10 mm
EnduranceOperating Life
500000 cycles min.
200000 cycles min.
Operating Temperature
–20 °C to +70 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
5000 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
25000 pcs.
–0.20
■ Recommended Applications
● Operation switches for portable electronic equipment
(Notebook PC, Camcorders, Portable audio players, etc.)
● Operation switches for car audio systems
Oct. 2012
00


Similar Part No. - EVQPLKA08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPLKA08 PANASONIC-EVQPLKA08 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQPLKA08 PANASONIC-EVQPLKA08 Datasheet
89Kb / 3P
Light Touch Switches
More results

Similar Description - EVQPLKA08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP2 PANASONIC-EVQP2_08 Datasheet
179Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQP6 PANASONIC-EVQP6 Datasheet
129Kb / 4P
4 mm Square SMD Light Touch Switch
EVQP9 PANASONIC-EVQP9 Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQPE1 PANASONIC-EVQPE1 Datasheet
100Kb / 2P
6.0 mm3.5 mm SMD Light Touch Switch es
EVQPL PANASONIC-EVQPL Datasheet
89Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQ-PLHA15 PANASONIC-EVQ-PLHA15 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQ-PE104K PANASONIC-EVQ-PE104K Datasheet
67Kb / 2P
6.0 mm3.5 mm SMD Light Touch Switch es
EVP-AEDB2A PANASONIC-EVP-AEDB2A Datasheet
95Kb / 2P
4.5 mm2.2 mm Side-operational Edge Mount Light Touch Switch es
EVQ-P2H02B PANASONIC-EVQ-P2H02B Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQ-P2T02W PANASONIC-EVQ-P2T02W Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com