Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVQPLKA08 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVQPLKA08
Description  4.9 mm Square SMD Light Touch Switch es
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPLKA08 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVQPLKA08 Datasheet HTML 1Page - Panasonic Semiconductor EVQPLKA08 Datasheet HTML 2Page - Panasonic Semiconductor EVQPLKA08 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Light Touch Switches/EVQPL/3PL/5PL/PT
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES74 –
1.2
4.6
4.9
3.7
B'
A'
B
A
0.4
0.8
0.05
0.45
φ3.2
3.1
4.3
(4.6)
(5.5)
A
B
A’
B’
GND
Operating part
Be careful not to
scratch the film
PWB land pattern for reference
Circuit diagram
1.2
φ2.4
4.6
4.9
φ4.4
3.7
3.1
4.3
(4.6)
(5.5)
A
B
A’
B’
B’
A’
B
A
0.4
0.8
1.2
0.05
0.45
GND
1.5 0.2
0.1
+
–
Operating part
PWB land pattern for reference
Circuit diagram
■ Dimensions in mm (not to scale)
No. 1
Part Numbers
Operating Force
Height
Operating Life
EVQPLBA081.0 N0.8 mm
500000 cycles
EVQPLFA081.6 N0.8 mm
500000 cycles
EVQPLKA082.6 N0.8 mm
200000 cycles
EVQ5PLA083.5 N0.8 mm
200000 cycles
Part Numbers
Operating Force
Height
Operating Life
EVQPLDA15/PT5A15
1.0 N1.5 mm
500000/2000000 cycles
EVQPLHA15/PT9A15
1.6 N1.5 mm
500000/2000000 cycles
EVQPLMA152.6 N1.5 mm
200000 cycles
EVQ3PLA153.5 N1.5 mm
200000 cycles
No. 2
EVQPLB
EVQPLF
EVQPLK
EVQ5PL
(Embossed Taping)
Surface mount
For reflow soldering
Without push plate
EVQPLD/PT5
EVQPLH/PT9
EVQPLM
EVQ3PL
(Embossed Taping)
Surface mount
For reflow soldering
With push plate
Oct. 2012
00



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com