Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST32211 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FST32211
Description  40/48-Bit Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST32211 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FST32211 Datasheet HTML 1Page - Fairchild Semiconductor FST32211 Datasheet HTML 2Page - Fairchild Semiconductor FST32211 Datasheet HTML 3Page - Fairchild Semiconductor FST32211 Datasheet HTML 4Page - Fairchild Semiconductor FST32211 Datasheet HTML 5Page - Fairchild Semiconductor FST32211 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Connection Diagram
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
(40-Bit Routing)
Truth Tables
Pin Name
Description
OE1, OE2, OE3, OE4
Bus Switch Enables
1A, 2A, 3A, 4A
Bus A
1B, 2B, 3B, 4B
Bus B
12
3
4
5
6
A
1A2
1A1
NC
OE2
1B1
1B2
B
1A4
1A3
GND
OE1
1B3
1B4
C
1A6
1A5
GND
GND
1B5
1B6
D
1A8
1A7
GND
GND
1B7
1B8
E
1A10
1A9
VCC
VCC
1B9
1B10
F
2A2
2A1
VCC
VCC
2B1
2B2
G
2A4
2A3
VCC
GND
2B3
2B4
H
2A6
2A5
GND
GND
2B5
2B6
J
2A8
2A7
2A9
2B9
2B7
2B8
K
2A10
3A10
GND
GND
3B10
2B10
L
3A9
3A8
GND
GND
3B8
3B9
M
3A7
3A6
GND
VCC
3B6
3B7
N
3A5
3A4
VCC
VCC
3B4
3B5
P
3A3
3A2
VCC
VCC
3B2
3B3
R
3A1
4A10
GND
GND
4B10
3B1
T
4A9
4A8
GND
GND
4B8
4B9
U
4A7
4A6
GND
4B1
4B6
4B7
V
4A5
4A4
4A1
OE4
4B4
4B5
W
4A3
4A2
OE3
NC
4B2
4B3
Inputs
Inputs/Outputs
OE1
OE2
1A, 1B
2A, 2B
LL
1A
= 1B
2A
= 2B
LH
1A
= 1B
Z
HL
Z
2A
= 2B
HH
Z
Z
Inputs
Inputs/Outputs
OE3
OE4
3A, 3B
4A, 4B
LL
3A
= 3B
4A
= 4B
LH
3A
= 3B
Z
HL
Z
4A
= 4B
HH
Z
Z



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com