Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST32211 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST32211
Description  40/48-Bit Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST32211 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST32211 Datasheet HTML 1Page - Fairchild Semiconductor FST32211 Datasheet HTML 2Page - Fairchild Semiconductor FST32211 Datasheet HTML 3Page - Fairchild Semiconductor FST32211 Datasheet HTML 4Page - Fairchild Semiconductor FST32211 Datasheet HTML 5Page - Fairchild Semiconductor FST32211 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500404
www.fairchildsemi.com
April 2001
Revised July 2002
FST32211
40/48-Bit Bus Switch
General Description
The Fairchild Switch FST32211 provides up to 48-bits of
high-speed CMOS TTL-compatible bus switching. The low
On Resistance of the switch allows inputs to be connected
to outputs without adding propagation delay or generating
additional ground bounce noise.
The device can be organized as four 12-bit, two 24-bit, or
one 48-bit bus switch. When routed as a 40-bit bus switch,
the device can be organized as four 10-bit, two 20-bit or
one 40-bit bus switch. When OE1 is LOW, the switch is ON
and Port 1A is connected to Port 1B. When OE2 is LOW,
the switch is ON and Port 2A is connected to Port 2B.
When OE3 is LOW, the switch is ON and Port 3A is con-
nected to Port 3B. When OE4 is LOW, the switch is ON and
Port 4A is connected to Port 4B. When OE1, OE2, OE3, or
OE4 are HIGH, a high impedance state exists between the
A and B Ports.
Features
I 4
Ω switch connection between two ports
I Minimal propagation delay through the switch
I Low lCC
I Zero bounce in flow-through mode
I Control inputs compatible with TTL level
I Packaged in plastic Fine Pitch Ball Grid Array (FBGA)
Ordering Code:
Note 1: Ordering code “G” indicates Trays.
Note 2: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Order Number
Package Number
Package Description
FST32211G
(Note 1)(Note 2)
BGA114A
114-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide


Similar Part No. - FST32211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST32245 FAIRCHILD-FST32245 Datasheet
170Kb / 5P
Octal Bus Switch with 25??Series Resistor in Outputs (Preliminary)
FST32245MTC FAIRCHILD-FST32245MTC Datasheet
170Kb / 5P
Octal Bus Switch with 25??Series Resistor in Outputs (Preliminary)
FST32245QSC FAIRCHILD-FST32245QSC Datasheet
170Kb / 5P
Octal Bus Switch with 25??Series Resistor in Outputs (Preliminary)
FST32245WM FAIRCHILD-FST32245WM Datasheet
170Kb / 5P
Octal Bus Switch with 25??Series Resistor in Outputs (Preliminary)
FST32253 FAIRCHILD-FST32253 Datasheet
142Kb / 5P
Dual 4:1 Multiplexer/Demultiplexer Bus Switch with 25??Series Resistor in Outputs
More results

Similar Description - FST32211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211 Datasheet
239Kb / 6P
24-Bit Bus Switch
FST3345 FAIRCHILD-FST3345 Datasheet
119Kb / 6P
8-Bit Bus Switch
FSTD32211 FAIRCHILD-FSTD32211 Datasheet
261Kb / 7P
40/48-Bit Bus Switch with Level Shifting
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
logo
Integrated Device Techn...
IDT74FST3125 IDT-IDT74FST3125 Datasheet
73Kb / 5P
4-BIT BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3302 PERICOM-PI5C3302 Datasheet
57Kb / 3P
Single Bit Bus Switch
logo
Fairchild Semiconductor
FSTUD32450GX FAIRCHILD-FSTUD32450GX Datasheet
496Kb / 13P
Configurable 4-Bit to 40-Bit Bus Switch
logo
Pericom Semiconductor C...
PI5C16211AEX PERICOM-PI5C16211AEX Datasheet
467Kb / 4P
24-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV3126 PHILIPS-74CBTLV3126_15 Datasheet
162Kb / 17P
4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
74FST3126 ONSEMI-74FST3126_13 Datasheet
126Kb / 7P
4-Bit Bus Switch
July, 2013 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com