Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3CS-SF Datasheet(PDF) 1 Page - Hirose Electric

Part # DM3CS-SF
Description  microSD Card Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DM3CS-SF Datasheet(HTML) 1 Page - Hirose Electric

  DM3CS-SF Datasheet HTML 1Page - Hirose Electric DM3CS-SF Datasheet HTML 2Page - Hirose Electric DM3CS-SF Datasheet HTML 3Page - Hirose Electric DM3CS-SF Datasheet HTML 4Page - Hirose Electric DM3CS-SF Datasheet HTML 5Page - Hirose Electric DM3CS-SF Datasheet HTML 6Page - Hirose Electric DM3CS-SF Datasheet HTML 7Page - Hirose Electric DM3CS-SF Datasheet HTML 8Page - Hirose Electric DM3CS-SF Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
2010.6w
w
microSD™ Card Connectors
DM3 Series
NEW
■Features
◆ Common to the entire Series
1. Extremely small size
Small external dimensions and the above-the-board height
make the connectors the smallest on the market.
2. Reverse card insertion protection
Unique card slot design (patented) protects the connector
from damage when the card is attempted to be inserted in
reverse, allowing it to re-inserted correctly.
3. Effective ground and shield configuration
4-connection points of the metal cover to the printed circuit
board assures secure connection of the ground circuit and
provides EMI protection.
4. Rigid and strong construction
Despite its small size, high-strengths materials used in the
connectors produced a strong and rigid structure.
5. Card detection switch
The card detection switch is Normally Open
◆ DM3AT and DM3BT (Push - Push, with
ejection mechanism)
· Card fall-out prevention
Built-in card tray and the unique push insertion-push ejection
mechanism (patented) prevent accidental card ejection or fall-
out.
Despite its small size the connectors will eject the card to a
distance of 4.0 mm, allowing easy hold and removal of the card.
· Exposed termination leads
Easy inspection and rework of the solder termination joints.
◆ DM3CS (Hinge, Push-Pull, manual, without
ejection mechanism)
· Simple and reliable card insertion
Hinged metal cover provides location and guides the card
during the insertion / removal. Closing of the cover confirms
the electrical and mechanical connection with a tactile click
sensation.
· Reliable contact with the card contact pads
Unique contact design and card slide action will clean the
contact areas of the card.
· Accessible termination areas
Contact solder terminations may be inspected and reworked.
◆ DM3D (Push -Pull, manual, without
ejection mechanism)
· Partial card insertion hold
Card will not fall-out even when it is not fully inserted. Full
insertion and electrical / mechanical connection is confirmed
with a distinct tactile feel.
· Accessible termination areas
An inner lead system that can be reworked is used in this design.
Contact solder terminations may be inspected and reworked.
Card insertion-ejection
Push-Push
Hinge-manual
insertion/
ejection
Push-Pull
manual insertion/
ejection
DM3AT
DM3BT
DM3CS
DM3D
2~4
5~6
7~8
9~10
Series
Image
Page
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - DM3CS-SF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DM3CS-SF HIROSE-DM3CS-SF Datasheet
778Kb / 12P
microSD??Card Connectors
More results

Similar Description - DM3CS-SF

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CIM-H32N MITSUMI-CIM-H32N Datasheet
251Kb / 4P
microSD card connectors
CIM-H33N MITSUMI-CIM-H33N Datasheet
111Kb / 2P
microSD card connectors
logo
Molex Electronics Ltd.
47219-0001 MOLEX-47219-0001 Datasheet
132Kb / 2P
microSD Memory Card Connectors
logo
Transcend Information. ...
TS256MUSD TRANSCEND-TS256MUSD Datasheet
537Kb / 24P
microSD Memory Card
logo
Yamaichi Electronics Co...
PJS008-1000 YAMAICHI-PJS008-1000 Datasheet
102Kb / 1P
microSD Card Adapter (microSD-to-miniSD)
PJS008T-3000-0 YAMAICHI-PJS008T-3000-0 Datasheet
124Kb / 1P
microSD Card Adapter (microSD-to-SD)
PJS008-2100-X YAMAICHI-PJS008-2100-X Datasheet
2Mb / 1P
microSD card connector
logo
List of Unclassifed Man...
AP512MCSD ETC2-AP512MCSD Datasheet
94Kb / 12P
microSD Card
DM3C-SF ETC2-DM3C-SF Datasheet
832Kb / 11P
microSD Card Connectors
logo
Hirose Electric
DM3 HIROSE-DM3 Datasheet
778Kb / 12P
microSD??Card Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com