Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3CS-SF Datasheet(PDF) 2 Page - Hirose Electric

Part # DM3CS-SF
Description  microSD Card Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DM3CS-SF Datasheet(HTML) 2 Page - Hirose Electric

  DM3CS-SF Datasheet HTML 1Page - Hirose Electric DM3CS-SF Datasheet HTML 2Page - Hirose Electric DM3CS-SF Datasheet HTML 3Page - Hirose Electric DM3CS-SF Datasheet HTML 4Page - Hirose Electric DM3CS-SF Datasheet HTML 5Page - Hirose Electric DM3CS-SF Datasheet HTML 6Page - Hirose Electric DM3CS-SF Datasheet HTML 7Page - Hirose Electric DM3CS-SF Datasheet HTML 8Page - Hirose Electric DM3CS-SF Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DM3 Series
●microSD™ Card Connectors
2
DM3 AT – SF – PEJM5
■Specifications(DM3 Series)
Ratings
Current rating: 0.5A
Voltage rating: 125V AC
Operating temperature range: -25ç to +85ç (Note 1)
Storage temperature range : -40ç to +85ç (Note 2)
Operating humidity range: RH 95% max.
(No condensation)
■Ordering information
1
4
2
3
Measure at 500 V DC
500 V AC / 1 minute
1mA
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
3 directions for 2 hours
96 hours at of 40 ± 2ç, and humidity of 90 to 95%
-55ç
➝ 5 to 35ç ➝85ç ➝ 5 to 35ç
Times: 30 min.
➝ 5 min. ➝ 30 min. ➝ 5 min.
5 cycles
10,000 cycles, 400 to 600 cycles per hour (DM3AT, DM3B)
5,000 cycles, 400 to 600 cycles per hour (DM3C, DM3D)
Reflow
: At the recommended temperature profile
Manual soldering : 350ç for 3 seconds
1000 Mø min. (Initial value)
No flashover or insulation breakdown
100mø max. (Initial value)
No electrical discontinuity of 100 ns or longer
No damage, cracks or parts dislocation.
Contact resistance: 40 mø max. (change from initial value)
Insulation resistance: 100 Mø min.
No damage, cracks or parts dislocation.
Contact resistance: 40 mø max. (change from initial value)
Insulation resistance: 100 Mø min.
No damage, cracks or parts dislocation.
Contact resistance: 40 mø max. (change from initial value)
No deformation of components affecting performance.
1. Insulation resistance
2. Withstanding voltage
3. Contact resistance
4. Vibration
5. Humidity
6. Temperature cycle
7. Durability
8. Resistance to
soldering heat
Item
Specification
Conditions
Note 1: Includes temperature rise caused by current flow.
Note 2. The term "storage" refers to products stored for long period prior to mounting and use.
Series name: DM3
Connector type
: AT Push-Push (ejection mechanism), Top board mounting (Standard)
BT Push-Push (ejection mechanism), Bottom board mounting (Reverse)
CS Hinge, Push-Pull (no ejection mechanism), Top board mounting (Standard)
D Push-Pull (no ejection mechanism), Top board mounting (Standard)
Number of contacts : 8
Termination type : SF Right-angle SMT(Standard)
DSF Right-angle SMT(Reverse)
Card ejection code : PEJM5, PEJS
(Push insert/push eject)
None
: Manual card
insertion/ejection
1
4
2
3
■Materials and Finishes
Remarks
UL94V-0
-------------------
-------------------
-------------------
Part
Material
Finish
Insulator
Contacts
Guide cover
Other components
LCP
Copper alloy
Stainless steel
Copper alloy
Stainless steel
Piano wire
(DM3AT)
(DM3BT)
(DM3AT, DM3BT)
(DM3BT)
Color: Black
Contact area: Gold plated
Lead area: Gold plated
Lead area: Gold plated
-------------------
Nickel plated
DM3AT, DM3BT
Remarks
UL94V-0
-------------------
-------------------
Part
Material
Finish
Insulator
Contacts
Guide cover
LCP
Copper alloy
Stainless steel
Color: Black
Contact area: Gold plated
Lead area: Gold plated
Tin plated
DM3CS, DM3D
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com