Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3D-SF Datasheet(PDF) 10 Page - Hirose Electric

Part # DM3D-SF
Description  microSD Card Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DM3D-SF Datasheet(HTML) 10 Page - Hirose Electric

Back Button DM3D-SF Datasheet HTML 3Page - Hirose Electric DM3D-SF Datasheet HTML 4Page - Hirose Electric DM3D-SF Datasheet HTML 5Page - Hirose Electric DM3D-SF Datasheet HTML 6Page - Hirose Electric DM3D-SF Datasheet HTML 7Page - Hirose Electric DM3D-SF Datasheet HTML 8Page - Hirose Electric DM3D-SF Datasheet HTML 9Page - Hirose Electric DM3D-SF Datasheet HTML 10Page - Hirose Electric DM3D-SF Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DM3 Series
●microSD™ Card Connectors
10
Lead section (400mm min.)
Mounting section
End section
Top cover tape
Blank section
(100mm min.)
Embossed carrier tape
Blank section
(160mm min.)
24.4
Unreeling direction
■Packaging Specifications
Unreeling direction
2
16
P= 4
● Embossed carrier tape dimensions (2,000pieces per reel)
● Reel Dimensions
All dimensions: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com