Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3D-SF Datasheet(PDF) 11 Page - Hirose Electric

Part # DM3D-SF
Description  microSD Card Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DM3D-SF Datasheet(HTML) 11 Page - Hirose Electric

Back Button DM3D-SF Datasheet HTML 3Page - Hirose Electric DM3D-SF Datasheet HTML 4Page - Hirose Electric DM3D-SF Datasheet HTML 5Page - Hirose Electric DM3D-SF Datasheet HTML 6Page - Hirose Electric DM3D-SF Datasheet HTML 7Page - Hirose Electric DM3D-SF Datasheet HTML 8Page - Hirose Electric DM3D-SF Datasheet HTML 9Page - Hirose Electric DM3D-SF Datasheet HTML 10Page - Hirose Electric DM3D-SF Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
DM3 Series
●microSD™ Card Connectors
● Refer to applicable Operation Manual listed below for additional precautions.
Series
DM3AT Series
DM3BT Series
DM3CS Series
DM3D Series
ETAD-F0345
ETAD-F0324
ETAD-F0335
ETAD-F0353
Operation Manual Number
■Recommended temperature profile
■Precautions
1. Do not immerse or clean the entire connector with cleaning solutions as this may affect proper operation of the
ejection mechanism and electrical performance of the connector
2. Do not apply excessive force to the connector when handling or after installation on the PC board.
3. The connectors will reliably connect and operate with the correctly inserted microSDTM cards.
Follow the correct insertion / ejection procedure for the specific connector in use.
Attempts of incorrect insertion of the card may cause damage to the connector or the card.
4. The connector must be correctly mounted on the PC board before the card can be inserted. Do not insert the card in
the un-mounted connector.
5. Mounting on the Flexible Printed Circuit (FPC)
To assure correct performance it is recommended that a flat reinforcement plate 0.3 mm min. thick be used under
the FPC.
6. Small visible residual manufacturing fluids or tooling marks do not affect connector's performance.
7. Repeated insertions and removal of the cards may leave some marks on the card itself. This will have no affect on
the connector performance.
HRS test condition
Solder method
:Reflow, IR/hot air
Environment
:Room air
Solder composition :Paste, 96.5%Sn/3.0%Ag/0.5%Cu
(Senju Metal Industry, Co., Ltd.'s
Part Number:M705-GRN360-K2-V)
Test board
:Glass epoxy 60mm∞100mm∞1.0mm thick
Metal mask
:0.12mm thick
Number of reflow cycles : 2cycles max.
The temperature profiles shown are based on the above
conditions.
In individual applications the actual temperature may vary,
depending on solder paste type, volume / thickness and board
size / thickness. Consult your solder paste and equipment
manufacturer for specific recommendations.
50
90 to 120 seconds
Preheating
50
seconds
Soldering
Time (Seconds)
(ç)
100
150
200
250
150ç
200ç
230ç min.
Peak:250ç MAX
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com