Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB221SN4 Datasheet(PDF) 77 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB221SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB221SN4 Datasheet(HTML) 77 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB221SN4 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
88
4-lines array, 1206 size.
BLA31A/BLA31BSeries (1206 Size)
BLA Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Continued on the following page.
Refer to pages from p.91 to p.94 for mounting information.
BLA31A/BLA31B
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
4000
J
330mm Reel Paper Tape
10000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLA31AG300SN4p
30ohm
±25%
200mA
0.10ohm max.
-55
°C to +125°C
BLA31AG600SN4p
60ohm
±25%
200mA
0.15ohm max.
-55
°C to +125°C
BLA31AG121SN4p
120ohm
±25%
150mA
0.20ohm max.
-55
°C to +125°C
BLA31AG221SN4p
220ohm
±25%
150mA
0.25ohm max.
-55
°C to +125°C
BLA31AG601SN4p
600ohm
±25%
100mA
0.35ohm max.
-55
°C to +125°C
BLA31AG102SN4p
1000ohm
±25%
50mA
0.45ohm max.
-55
°C to +125°C
BLA31BD121SN4p
120ohm
±25%
150mA
0.30ohm max.
-55
°C to +125°C
BLA31BD221SN4p
220ohm
±25%
150mA
0.35ohm max.
-55
°C to +125°C
BLA31BD471SN4p
470ohm
±25%
100mA
0.40ohm max.
-55
°C to +125°C
BLA31BD601SN4p
600ohm
±25%
100mA
0.45ohm max.
-55
°C to +125°C
BLA31BD102SN4p
1000ohm
±25%
50mA
0.55ohm max.
-55
°C to +125°C
Number of Circuits: 4
0.8
±0.1
0.4
±0.2
3.2
±0.2
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
1200
900
600
300
0
BLA31AG601SN4
BLA31AG102SN4
BLA31AG600SN4
BLA31AG300SN4
BLA31AG221SN4
BLA31AG121SN4
BLA31AG Series
Frequency (MHz)
1
10
100
1000
3000
2000
1500
1000
500
0
BLA31BD601SN4
BLA31BD102SN4
BLA31BD471SN4
BLA31BD221SN4
BLA31BD121SN4
BLA31BD Series
No polarity.
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com