Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB221SN4 Datasheet(PDF) 41 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB221SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB221SN4 Datasheet(HTML) 41 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB221SN4 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. BLA2ABB221SN4 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
52
0603 size for general signal lines.
BLM18ASeries (0603 Size)
BLM Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Continued on the following page.
s Impedance-Frequency Characteristics
BLM18AG121SN1
BLM18AG151SN1
BLM18AG221SN1
Refer to pages from p.91 to p.94 for mounting information.
BLM18A
*Please refer to BLM15A for downsizing.
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
4000
J
330mm Reel Paper Tape
10000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM18AG121SN1p
120ohm
±25%
500mA
0.18ohm max.
-55
°C to +125°C
BLM18AG151SN1p
150ohm
±25%
500mA
0.25ohm max.
-55
°C to +125°C
BLM18AG221SN1p
220ohm
±25%
500mA
0.25ohm max.
-55
°C to +125°C
BLM18AG331SN1p
330ohm
±25%
500mA
0.30ohm max.
-55
°C to +125°C
BLM18AG471SN1p
470ohm
±25%
500mA
0.35ohm max.
-55
°C to +125°C
BLM18AG601SN1p
600ohm
±25%
500mA
0.38ohm max.
-55
°C to +125°C
BLM18AG102SN1p
1000ohm
±25%
400mA
0.50ohm max.
-55
°C to +125°C
Number of Circuits: 1
0.4
±0.2
1.6
±0.15
0.8
±0.15
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
1200
900
600
300
0
BLM18AG102SN1
BLM18AG601SN1
BLM18AG471SN1
BLM18AG331SN1
BLM18AG221SN1
BLM18AG151SN1
BLM18AG121SN1
1
10
100
1000
3000
Frequency (MHz)
200
150
100
50
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
200
150
100
50
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
100
200
300
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com