Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3244 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST3244
Description  Octal Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3244 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST3244 Datasheet HTML 1Page - Fairchild Semiconductor FST3244 Datasheet HTML 2Page - Fairchild Semiconductor FST3244 Datasheet HTML 3Page - Fairchild Semiconductor FST3244 Datasheet HTML 4Page - Fairchild Semiconductor FST3244 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500021
www.fairchildsemi.com
June 1997
Revised January 2005
FST3244
8-Bit Bus Switch
General Description
The Fairchild Switch FST3244 provides 8-bits of high-
speed CMOS TTL-compatible bus switching in a standard
’244 pin-out. The low on resistance of the switch allows
inputs to be connected to outputs without adding propaga-
tion delay or generating additional ground bounce noise.
The device is organized as two 4-bit switches with separate
OE inputs. When OE is LOW, the switch is ON and Port A
is connected to Port B. When OE is HIGH, the switch is
OPEN and a high-impedance state exists between the two
ports.
Features
■ 4
: switch connection between two ports.
■ Minimal propagation delay through the switch.
■ Low lCC.
■ Zero bounce in flow-through mode.
■ Control inputs compatible with TTL level.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Diagram
Pin Descriptions
Connection Diagram
Truth Table
Order Number
Package Number
Package Description
FST3244WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
FST3244QSC
MQA20
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
FST3244MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
FST3244MTCX_NL
(Note 1)
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
Pin Name
Description
OE1, OE2
Bus Switch Enable
1A, 2A
Bus A
1B, 2B
Bus B
Inputs
Inputs/Outputs
OE1
OE2
1A, 1B
2A, 2B
LL
1A
1B
2A
2B
LH
1A
1B
Z
HL
Z
2A
2B
HH
Z
Z


Similar Part No. - FST3244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
459Kb / 9P
8-Bit Bus Switch
FST3244MTCX FAIRCHILD-FST3244MTCX Datasheet
459Kb / 9P
8-Bit Bus Switch
FST3244QSCX FAIRCHILD-FST3244QSCX Datasheet
459Kb / 9P
8-Bit Bus Switch
FST3244WMX FAIRCHILD-FST3244WMX Datasheet
459Kb / 9P
8-Bit Bus Switch
FST3244 FAIRCHILD-FST3244_08 Datasheet
459Kb / 9P
8-Bit Bus Switch
More results

Similar Description - FST3244

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
OCTAL BUS SWITCH
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
OCTAL BUS SWITCH
TC7MBD3245FK TOSHIBA-TC7MBD3245FK Datasheet
220Kb / 7P
OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
Octal Bus Switch
logo
Toshiba Semiconductor
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK Datasheet
105Kb / 7P
Octal Bus Switch
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
Octal Bus Switch
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
Octal bus switch
Rev. 3-5 January 2012
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
Octal bus switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com