Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3245WM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST3245WM
Description  Octal Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3245WM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST3245WM Datasheet HTML 1Page - Fairchild Semiconductor FST3245WM Datasheet HTML 2Page - Fairchild Semiconductor FST3245WM Datasheet HTML 3Page - Fairchild Semiconductor FST3245WM Datasheet HTML 4Page - Fairchild Semiconductor FST3245WM Datasheet HTML 5Page - Fairchild Semiconductor FST3245WM Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS500020
www.fairchildsemi.com
June 1997
Revised December 1999
FST3245
Octal Bus Switch
General Description
The Fairchild Switch FST3245 provides 8-bits of high-
speed CMOS TTL-compatible bus switching in a standard
’245 pin-out. The low on resistance of the switch allows
inputs to be connected to outputs without adding propaga-
tion delay or generating additional ground bounce noise.
The device is organized as an 8-bit switch. When OE is
LOW, the switch is ON and Port A is connected to Port B.
When OE is HIGH, the switch is OPEN and a high-imped-
ance state exists between the two ports.
Features
s 4
Ω switch connection between two ports.
s Minimal propagation delay through the switch.
s Low lCC.
s Zero bounce in flow-through mode.
s Control inputs compatible with TTL level.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Pin Descriptions
Connection Diagram
Truth Table
Order Number
Package Number
Package Description
FST3245WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
FST3245QSC
MQA20
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150 Wide
FST3245MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
OE
Bus Switch Enable
ABus A
BBus B
Input OE
Function
L
Connect
H
Disconnect


Similar Part No. - FST3245WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3245WM FAIRCHILD-FST3245WM Datasheet
185Kb / 5P
8-Bit Bus Switch
FST3245WMX FAIRCHILD-FST3245WMX Datasheet
439Kb / 9P
8-Bit Bus Switch
More results

Similar Description - FST3245WM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
OCTAL BUS SWITCH
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
OCTAL BUS SWITCH
TC7MBD3245FK TOSHIBA-TC7MBD3245FK Datasheet
220Kb / 7P
OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
111Kb / 5P
Octal Bus Switch
logo
Toshiba Semiconductor
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK Datasheet
105Kb / 7P
Octal Bus Switch
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
Octal Bus Switch
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
Octal bus switch
Rev. 3-5 January 2012
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
Octal bus switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com