Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3384WM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FST3384WM
Description  10-Bit Low Power Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3384WM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FST3384WM Datasheet HTML 1Page - Fairchild Semiconductor FST3384WM Datasheet HTML 2Page - Fairchild Semiconductor FST3384WM Datasheet HTML 3Page - Fairchild Semiconductor FST3384WM Datasheet HTML 4Page - Fairchild Semiconductor FST3384WM Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the “Electrical
Characteristics” table are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 3: Unused control inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 4: All typical values are at VCC = 5.0V, TA = 25°C.
Note 5: Measured by voltage drop between A and B pin at indicated current through the switch. On resistance is determined by the lower of the voltages on
the two (A or B) pins.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Switch Voltage (VS)
−0.5V to +7.0V
DC Input Voltage (VIN) (Note 2)
−0.5V to +7.0V
DC Input Diode Current (IIK) VIN<0V
−50 mA
DC Output (IOUT) Sink Current
128 mA
DC VCC/GND Current (ICC/IGND)
+/− 100mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Supply Operating (VCC)
4.0V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)0V to 5.5V
Input Rise and Fall Time (tr, tf)
Switch Control Input
0nS/V to 5nS/V
Switch I/O
0nS/V to DC
Free Air Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
VCC
(V)
TA = −40°C to +85°C
Units
Condition
Min
Typ
(Note 4)
Max
VIK
Clamp Diode Voltage
4.5
−1.2
V
IIN= − 18mA
VIH
HIGH Level Input Voltage
4.0-5.5
2.0
V
VIL
LOW Level Input Voltage
4.0-5.5
0.8
V
II
Input Leakage Current
5.5
±1.0
µA0 ≤ V
IN ≤ 5.5V
IOZ
OFF-STATE Leakage Current
5.5
±1.0
µA0 ≤ A, B ≤ V
CC
RON
Switch On Resistance
4.5
4
7
Ω
VIN = 0V, IIN = 64mA
(Note 5)
4.5
4
7
Ω
VIN = 0V, IIN = 30mA
4.5
8
15
Ω
VIN = 2.4V, IIN = 15mA
4.0
11
20
Ω
VIN = 2.4V, IIN = 15mA
ICC
Quiescent Supply Current
5.5
3
µAV
IN = VCC or GND, IOUT = 0
∆ I
CC
Increase in ICC per Input
5.5
2.5
mA
One input at 3.4V
Other inputs at VCC or GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com