Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3384WM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST3384WM
Description  10-Bit Low Power Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3384WM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST3384WM Datasheet HTML 1Page - Fairchild Semiconductor FST3384WM Datasheet HTML 2Page - Fairchild Semiconductor FST3384WM Datasheet HTML 3Page - Fairchild Semiconductor FST3384WM Datasheet HTML 4Page - Fairchild Semiconductor FST3384WM Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 1999 Fairchild Semiconductor Corporation
DS500046
www.fairchildsemi.com
September 1997
Revised December 1999
Print form created on December 13, 1999 4:03
FST3384
10-Bit Low Power Bus Switch
General Description
The Fairchild Switch FST3384 provides 10 bits of high-
speed CMOS TTL-compatible bus switches. The low on
resistance of the switch allows inputs to be connected to
outputs without adding propagation delay or generating
additional ground bounce noise. The device is organized
as two 5-bit switches with separate bus enable (OE) sig-
nals. When OE is LOW, the switch is ON and Port A is con-
nected to Port B. When OE is HIGH, the switch is OPEN
and a high-impedance state exists between the two ports.
Features
s 4
Ω switch connection between two ports
s Minimal propagation delay through the switch
s Ultra low power with
< 0.1 µA typical I
CC
s Zero ground bounce in flow-through mode
s Control inputs compatible with TTL level
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Pin Descriptions
Connection Diagram
Truth Table
Order Number
Package Number
Package Description
FST3384WM
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
FST3384QSC
MQA24
24-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150 Wide
FST3384MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
OEA, OEB
Bus Switch Enable
A0–A9
Bus A
B0–B9
Bus B
OEAOEBB0–B4
B5–B9
Function
LL
A0–A4
A5–A9
Connect
LH
A0–A4
HIGH-Z State
Connect
H
L
HIGH-Z State
A5–A9
Connect
H
H
HIGH-Z State
HIGH-Z State
Disconnect


Similar Part No. - FST3384WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
10-Bit Low Power Bus-Exchange Switch
FST3383MTC FAIRCHILD-FST3383MTC Datasheet
50Kb / 5P
10-Bit Low Power Bus-Exchange Switch
FST3383QSC FAIRCHILD-FST3383QSC Datasheet
50Kb / 5P
10-Bit Low Power Bus-Exchange Switch
FST3383WM FAIRCHILD-FST3383WM Datasheet
50Kb / 5P
10-Bit Low Power Bus-Exchange Switch
More results

Similar Description - FST3384WM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LVX3383 NSC-54LVX3383 Datasheet
87Kb / 6P
10-Bit Low Power Bus-Exchange Switch
54LVX3384 NSC-54LVX3384 Datasheet
96Kb / 6P
10-Bit Low Power Bus Switch
logo
Fairchild Semiconductor
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
10-Bit Low Power Bus-Exchange Switch
logo
ON Semiconductor
74FST3384 ONSEMI-74FST3384 Datasheet
90Kb / 8P
10-Bit Low Power Bus Switch
May, 2002 ??Rev. 4
logo
National Semiconductor ...
74LVX3L384 NSC-74LVX3L384 Datasheet
127Kb / 6P
10-Bit Low Power Bus Switch
74LVX3L383 NSC-74LVX3L383 Datasheet
113Kb / 6P
10-Bit Low Power Bus-Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV3861 IDT-IDT74CBTLV3861 Datasheet
66Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3384 IDT-IDT74CBTLV3384_14 Datasheet
97Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3861 IDT-IDT74CBTLV3861_12 Datasheet
228Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3384 RENESAS-74CBTLV3384 Datasheet
265Kb / 6P
LOW-VOLTAGE 10-BIT BUS SWITCH
MAY 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com