Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8655 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8655
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8655 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8655 Datasheet HTML 9Page - Analog Devices AD8655 Datasheet HTML 10Page - Analog Devices AD8655 Datasheet HTML 11Page - Analog Devices AD8655 Datasheet HTML 12Page - Analog Devices AD8655 Datasheet HTML 13Page - Analog Devices AD8655 Datasheet HTML 14Page - Analog Devices AD8655 Datasheet HTML 15Page - Analog Devices AD8655 Datasheet HTML 16Page - Analog Devices AD8655 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7685
Rev. C | Page 13 of 28
THEORY OF OPERATION
SW+
MSB
16,384C
IN+
LSB
COMP
CONTROL
LOGIC
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
REF
GND
IN–
4C
2C
C
C
32,768C
SW–
MSB
16,384C
LSB
4C
2C
C
C
32,768C
Figure 25. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7685 is a fast, low power, single-supply, precise 16-bit
ADC using a successive approximation architecture.
The AD7685 is capable of converting 250,000 samples per
second (250 kSPS) and powers down between conversions.
When operating at 100 SPS, for example, it consumes typically
1.35 μW with a 2.5 V supply, ideal for battery-powered
applications.
The AD7685 provides the user with on-chip, track-and-hold
and does not exhibit any pipeline delay or latency, making it
ideal for multiple multiplexed channel applications.
The AD7685 is specified from 2.3 V to 5.5 V and can be
interfaced to any 1.8 V to 5 V digital logic family. It is housed in
a 10-lead MSOP or a tiny 10-lead QFN (LFCSP) that combines
space savings and allows flexible configurations.
It is pin-for-pin-compatible with the AD7686, AD7687, and
AD7688.
CONVERTER OPERATION
The AD7685 is a successive approximation ADC based on a
charge redistribution DAC. Figure 25 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 16 binary weighted capacitors, which are
connected to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
comparator’s input are connected to GND via SW+ and SW−.
All independent switches are connected to the analog inputs.
Therefore, the capacitor arrays are used as sampling capacitors
and acquire the analog signal on the IN+ and IN− inputs. When
the acquisition phase is complete and the CNV input goes high,
a conversion phase is initiated. When the conversion phase
begins, SW+ and SW− are opened first. The two capacitor
arrays are then disconnected from the inputs and connected to
the GND input. Therefore, the differential voltage between the
inputs IN+ and IN− captured at the end of the acquisition phase
is applied to the comparator inputs, causing the comparator to
become unbalanced. By switching each element of the capacitor
array between GND and REF, the comparator input varies by
binary weighted voltage steps (VREF/2, VREF/4 . . . VREF/65536).
The control logic toggles these switches, starting with the MSB,
to bring the comparator back into a balanced condition. After
the completion of this process, the part powers down and
returns to the acquisition phase, and the control logic generates
the ADC output code and a BUSY signal indicator.
Because the AD7685 has an on-board conversion clock, the
serial clock, SCK, is not required for the conversion process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com