Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8655 Datasheet (PDF) - Analog Devices

AD8655 Datasheet PDF - Analog Devices
Part # AD8655
Download  AD8655 Download
File Size   484.14 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN

AD8655 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8655 Datasheet PDF - Analog Devices

Part # AD8655
Download  AD8655 Click to download

File Size   484.14 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN

AD8655 Datasheet (HTML) - Analog Devices


AD8655 Product details

GENERAL DESCRIPTION
The AD7685 is a 16-bit, charge redistribution successive approximation, analog-to-digital converter (ADC) that operates from a single power supply, VDD, between 2.3 V to 5.5 V. It contains a low power, high speed, 16-bit sampling ADC with no missing codes, an internal conversion clock, and a versatile serial interface port. The part also contains a low noise, wide bandwidth, short aperture delay, track-and-hold circuit. On the CNV rising edge, it samples an analog input IN+ between 0 V to REF with respect to a ground sense IN−. The reference voltage, REF, is applied externally and can be set up to the supply voltage.

FEATURES
   16-bit resolution with no missing codes
   Throughput: 250 kSPS
   INL: ±0.6 LSB typical, ±2 LSB maximum (±0.003% of FSR)
   SINAD: 93.5 dB @ 20 kHz
   THD: −110 dB @ 20 kHz
   Pseudo differential analog input range
      0 V to VREF with VREF up to VDD
   No pipeline delay
   Single-supply operation 2.3 V to 5.5 V with
      1.8 V to 5 V logic interface
   Serial interface SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible
   Daisy-chain multiple ADCs, BUSY indicator
   Power dissipation
      1.4 μW @ 2.5 V/100 SPS
      1.35 mW @ 2.5 V/100 kSPS, 4 mW @ 5 V/100 kSPS
   Standby current: 1 nA
   10-lead package: MSOP (MSOP-8 size) and
      3 mm × 3 mm QFN (LFCSP) (SOT-23 size)
   Pin-for-pin-compatible with 10-lead MSOP/QFN PulSAR® ADCs

APPLICATIONS
   Battery-powered equipment
      Medical instruments
      Mobile communications
      Personal digital assistants (PDAs)
   Data acquisition
   Instrumentation
   Process controls




Similar Part No. - AD8655

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8655 AD-AD8655 Datasheet
329Kb / 20P
Low Noise, Precision CMOS Amplifier
6/05-Rev. 0 to Rev. A
AD8655 AD-AD8655 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
REV. B
AD8655 AD-AD8655 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
Rev. C
AD8655 AD-AD8655 Datasheet
392Kb / 20P
Low Noise, Precision CMOS Amplifier
Rev. E
AD8655ARMZ AD-AD8655ARMZ Datasheet
357Kb / 20P
Low Noise, Precision CMOS Amplifier
REV. D
More results


Similar Description - AD8655

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7683 AD-AD7683 Datasheet
467Kb / 16P
16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
AD7694 AD-AD7694 Datasheet
448Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/04-Revision 0
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7694ARMZ AD-AD7694ARMZ Datasheet
348Kb / 16P
16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685 AD-AD7685 Datasheet
542Kb / 29P
16-Bit, 250 kSPS PulSAR ADC in MSOP
7/14- Rev. C to Rev. D
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
16-Bit, 250 kSPS PulSAR ADC in MSOP
6/14- Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com