Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8655 Datasheet (PDF) - Analog Devices

AD8655 Datasheet PDF - Analog Devices
Part # AD8655
Download  AD8655 Download
File Size   329.39 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Precision CMOS Amplifier

AD8655 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8655 Datasheet PDF - Analog Devices

Part # AD8655
Download  AD8655 Click to download

File Size   329.39 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Precision CMOS Amplifier

AD8655 Datasheet (HTML) - Analog Devices


AD8655 Product details

GENERAL DESCRIPTION
The AD8655/AD8656 are the industry’s lowest noise, precision CMOS amplifiers. They leverage the Analog Devices DigiTrim® technology to achieve high dc accuracy.
The AD8655/AD8656 provide low noise (2.7 nV/√Hz at 10 kHz), low THD + N (0.0007%), and high precision performance (250 µV max over VCM) to low voltage applications. The ability to swing rail-to-rail at the input and output enables designers to buffer analog-to-digital converters (ADCs) and other wide dynamic range devices in single-supply systems.

FEATURES
   Low noise: 2.7 nV/√Hz at f = 10 kHz
   Low offset voltage: 250 µV max over VCM
   Offset voltage drift: 0.4 µV/°C typ and 2.3 µV/°C max
   Bandwidth: 28 MHz
   Rail-to-rail input/output
   Unity gain stable
   2.7 V to 5.5 V operation
   −40°C to +125°C operation
   Qualified for automotive applications

APPLICATIONS
   ADC and DAC buffers
   Audio
   Industrial controls
   Precision filters
   Digital scales
   Automotive collision avoidance
   PLL filters




Similar Part No. - AD8655

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8655 AD-AD8655 Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD8655 AD-AD8655 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
REV. B
AD8655 AD-AD8655 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
Rev. C
AD8655 AD-AD8655 Datasheet
392Kb / 20P
Low Noise, Precision CMOS Amplifier
Rev. E
AD8655ARMZ AD-AD8655ARMZ Datasheet
357Kb / 20P
Low Noise, Precision CMOS Amplifier
REV. D
More results


Similar Description - AD8655

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27 AD-OP27 Datasheet
370Kb / 16P
Low-Noise, Precision Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
AMP01 AD-AMP01 Datasheet
244Kb / 22P
Low Noise, Precision Instrumentation Amplifier
REV.D
logo
National Semiconductor ...
LMP7711 NSC-LMP7711 Datasheet
532Kb / 5P
Precision, 17 MHz, Low Noise, CMOS Input Amplifier
logo
Analog Devices
AD8655 AD-AD8655_13 Datasheet
357Kb / 20P
Low Noise, Precision CMOS Amplifier
REV. D
OP27CH AD-OP27CH Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
AD8603 AD-AD8603_15 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS
Rev. C
AD8607 AD-AD8607_15 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS
REV. C
AD8609 AD-AD8609_15 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS
REV. C
logo
Texas Instruments
SM73307 TI-SM73307_15 Datasheet
961Kb / 25P
Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
logo
Analog Devices
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
Low Noise, Precision Instrumentation Amplifier
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com