Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8655 Datasheet (PDF) - Analog Devices

AD8655 Datasheet PDF - Analog Devices
Part # AD8655
Download  AD8655 Download
File Size   392.38 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Precision CMOS Amplifier

AD8655 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8655 Datasheet PDF - Analog Devices

Part # AD8655
Download  AD8655 Click to download

File Size   392.38 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Precision CMOS Amplifier

AD8655 Datasheet (HTML) - Analog Devices


AD8655 Product details

FEATURES
Low noise: 2.7 nV/√Hz at f = 10 kHz
Low offset voltage: 250 μV max over VCM
Offset voltage drift: 0.4 μV/°C typ and 2.3 μV/°C max
Bandwidth: 28 MHz
Rail-to-rail input/output
Unity gain stable
2.7 V to 5.5 V operation
−40°C to +125°C operation
Qualified for automotive applications
APPLICATIONS
ADC and DAC buffers
Audio
Industrial controls
Precision filters
Digital scales
Automotive collision avoidance
PLL filters




Similar Part No. - AD8655

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8655 AD-AD8655 Datasheet
329Kb / 20P
Low Noise, Precision CMOS Amplifier
6/05-Rev. 0 to Rev. A
AD8655 AD-AD8655 Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD8655 AD-AD8655 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
REV. B
AD8655 AD-AD8655 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
Rev. C
AD8655ARMZ AD-AD8655ARMZ Datasheet
357Kb / 20P
Low Noise, Precision CMOS Amplifier
REV. D
More results


Similar Description - AD8655

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27 AD-OP27 Datasheet
370Kb / 16P
Low-Noise, Precision Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
logo
National Semiconductor ...
LMP7711 NSC-LMP7711 Datasheet
532Kb / 5P
Precision, 17 MHz, Low Noise, CMOS Input Amplifier
logo
Analog Devices
AD8655 AD-AD8655 Datasheet
329Kb / 20P
Low Noise, Precision CMOS Amplifier
6/05-Rev. 0 to Rev. A
AD8655 AD-AD8655_13 Datasheet
357Kb / 20P
Low Noise, Precision CMOS Amplifier
REV. D
OP27CH AD-OP27CH Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
AD8603 AD-AD8603_15 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS
Rev. C
AD8607 AD-AD8607_15 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS
REV. C
AD8609 AD-AD8609_15 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS
REV. C
logo
Texas Instruments
SM73307 TI-SM73307_15 Datasheet
961Kb / 25P
Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
logo
Analog Devices
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
Low Noise, Precision Instrumentation Amplifier
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com