Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8021
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8021 Datasheet HTML 6Page - Analog Devices AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices AD8021 Datasheet HTML 10Page - Analog Devices AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7685
Rev. C | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
65536
0
16384
32768
49152
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
POSITIVE INL = +0.33LSB
NEGATIVE INL = –0.50LSB
Figure 7. Integral Nonlinearity vs. Code
CODE IN HEX
80EA 80EB 80EC 80ED
80E5 80E6 80E7 80E8 80E9
250000
200000
150000
100000
50000
0
00
12
00
204292
27755
29041
20
VDD = REF = 5V
Figure 8. Histogram of a DC Input at the Code Center
FREQUENCY (kHz)
120
0
20406080
100
0
–20
–40
–60
–80
–100
–120
–160
–140
–180
8192 POINT FFT
VDD = REF = 5V
fS = 250kSPS
fIN = 20.45kHz
SNR = 93.3dB
THD = –111.6dB
SFDR = –113.7dB
SECOND HARMONIC = –113.7dB
THIRD HARMONIC = –117.6dB
Figure 9. FFT Plot
CODE
65536
0
16384
32768
49152
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
POSITIVE DNL = +0.21LSB
NEGATIVE DNL = –0.30LSB
Figure 10. Differential Nonlinearity vs. Code
CODE IN HEX
8058
804E 804F 8050 8051 8052 8053 8054 8055 8056 8057
140000
120000
100000
80000
60000
40000
20000
0
02
213
6956
179
0
0
60966
125055
8667
59082
VDD = REF = 2.5V
Figure 11. Histogram of a DC Input at the Code Center
FREQUENCY (kHz)
120
0
204060
80
100
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
16384 POINT FFT
VDD = REF = 2.5V
fS = 250kSPS
fIN = 20.45kHz
SNR = 88.8dB
THD = –103.5dB
SFDR = –104.5dB
SECOND HARMONIC = –112.4dB
THIRD HARMONIC = –105.4dB
Figure 12. FFT Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com