Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8021
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8021 Datasheet HTML 20Page - Analog Devices AD8021 Datasheet HTML 21Page - Analog Devices AD8021 Datasheet HTML 22Page - Analog Devices AD8021 Datasheet HTML 23Page - Analog Devices AD8021 Datasheet HTML 24Page - Analog Devices AD8021 Datasheet HTML 25Page - Analog Devices AD8021 Datasheet HTML 26Page - Analog Devices AD8021 Datasheet HTML 27Page - Analog Devices AD8021 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD7685
Rev. C | Page 25 of 28
TRUE 16-BIT ISOLATED APPLICATION EXAMPLE
In applications where high accuracy and isolation are required,
for example, power monitoring, motor control, and some
medical equipment, the circuit given in Figure 48, using the
AD7685 and the ADuM1402C digital isolator, provides a
compact and high performance solution.
Multiple AD7685s are daisy-chained to reduce the number of
signals to isolate. Note that the SCKOUT, which is a readback of
the AD7685’s clock, has a very short skew with the DATA
signal. This skew is the channel-to-channel matching
propagation delay of the digital isolator (tPSKCD). This allows
running the serial interface at the maximum speed of the digital
isolator (45 Mbps for the ADuM1402C), which would have
been otherwise limited by the cascade of the propagation delays
of the digital isolator.
The complete analog chain runs on a 5 V single supply using
the ADR391 low dropout reference voltage and the rail-to-rail
CMOS AD8618 amplifier while offering true bipolar input range.
IN– GND
REF VDD VIOSDO
VDD1, VE1
GND1
VDD2, VE2
GND2
SCK
CNV
SDI
AD7685
1/4 AD8618
5V
1kΩ
2V REF
±10V INPUT
5V REF
5V
5V
10µF
100nF
100nF
IN– GND
REF VDD VIOSDO
SCK
CNV
SDI
AD7685
1/4 AD8618
5V
1kΩ
2V REF
±10V INPUT
5V REF
5V
10µF
100nF
IN– GND
REF VDD VIOSDO
SCK
CNV
SDI
AD7685
1/4 AD8618
5V
1kΩ
2V REF
±10V INPUT
5V REF
5V
10µF
100nF
IN–
IN+
IN+
IN+
IN+
GND
REF VDD VIOSDO
SCK
CNV
SDI
AD7685
1/4 AD8618
5V
1kΩ
4kΩ
4kΩ
4kΩ
4kΩ
2V REF
5V
5V
1kΩ
1kΩ
1kΩ
100nF
10µF
5V REF
2V REF
4kΩ
±10V INPUT
5V REF
5V
10µF
100nF
VIA
VIB
VOC
VOD
VOA
VOB
VIC
VID
2.7V TO 5V
100nF
DATA
SCKOUT
SCKIN
CONVERT
ADuM1402C
OUT
GND
IN
ADR391
Figure 48. A True 16-Bit Isolated Simultaneous Sampling Acquisition System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com