Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD637JRZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD637JRZ-R7
Description  High Precision, Wideband RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637JRZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD637JRZ-R7 Datasheet HTML 10Page - Analog Devices AD637JRZ-R7 Datasheet HTML 11Page - Analog Devices AD637JRZ-R7 Datasheet HTML 12Page - Analog Devices AD637JRZ-R7 Datasheet HTML 13Page - Analog Devices AD637JRZ-R7 Datasheet HTML 14Page - Analog Devices AD637JRZ-R7 Datasheet HTML 15Page - Analog Devices AD637JRZ-R7 Datasheet HTML 16Page - Analog Devices AD637JRZ-R7 Datasheet HTML 17Page - Analog Devices AD637JRZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD637
Rev. K | Page 14 of 20
BUFFER
AD637
SQUARER/DIVIDER
BIAS
SECTION
FILTER
25kΩ
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CAV
+
ABSOLUTE
VALUE
NC
SIGNAL
INPUT
NC
AD548JN
FILTERED
V RMS OUTPUT
1µF
1000pF
6.8MΩ
1MΩ
R
3.3MΩ
V RMS
4.7kΩ
+VS
BUFF
OUT
COMMON
OUTPUT
OFFSET
BUFF IN
CS
DEN
INPUT
dB OUTPUT
VIN
VOUT
–VS
+VS
NOTES
1. VALUES CHOSEN TO GIVE 0.1% AVERAGING ERROR @ 1Hz.
2. NC = NO CONNECT.
CAV1
3.3µF
499kΩ 1%
VIN2
–VS
+VS
100µF
25kΩ
V–
3
2
4
7
6
V+
3.3MΩ
1µF
+VS
–VS
50kΩ
OUTPUT
OFFSET
ADJUST
Figure 21. AD637 as a Low Frequency RMS Converter
LOW FREQUENCY MEASUREMENTS
If the frequencies of the signals to be measured are below 10 Hz,
the value of the averaging capacitor required to deliver even 1%
averaging error in the standard rms connection becomes
extremely large. Figure 21 shows an alternative method of
obtaining low frequency rms measurements. The averaging
time constant is determined by the product of R and CAV1, in
this circuit, 0.5 sec/μF of CAV. This circuit permits a 20:1
reduction in the value of the averaging capacitor, permitting the
use of high quality tantalum capacitors. It is suggested that the
2-pole, Sallen-Key filter shown in Figure 21 be used to obtain a
low ripple level and minimize the value of the averaging
capacitor.
If the frequency of interest is below 1 Hz, or if the value of the
averaging capacitor is still too large, the 20:1 ratio can be
increased. This is accomplished by increasing the value of R.
If this is done, it is suggested that a low input current, low offset
voltage amplifier, such as the AD548, be used instead of the
internal buffer amplifier. This is necessary to minimize the
offset error introduced by the combination of amplifier input
currents and the larger resistance.
VECTOR SUMMATION
Vector summation can be accomplished through the use of two
AD637s, as shown in Figure 22. Here, the averaging capacitors
are omitted (nominal 100 pF capacitors are used to ensure
stability of the filter amplifier), and the outputs are summed as
shown. The output of the circuit is
2
2
Y
X
OUT
V
V
V
+
=
This concept can be expanded to include additional terms by
feeding the signal from Pin 9 of each additional AD637 through
a 10 kΩ resistor to the summing junction of the AD711 and
tying all of the denominator inputs (Pin 6) together.
If CAV is added to IC1 in this configuration, then the output is
2
2
Y
X
V
V
+
If the averaging capacitor is included on both IC1 and IC2, the
output is
2
2
Y
X
V
V
+
This circuit has a dynamic range of 10 V to 10 mV and is
limited only by the 0.5 mV offset voltage of the AD637.
The useful bandwidth is 100 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com