Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD637JRZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD637JRZ-R7
Description  High Precision, Wideband RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637JRZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD637JRZ-R7 Datasheet HTML 12Page - Analog Devices AD637JRZ-R7 Datasheet HTML 13Page - Analog Devices AD637JRZ-R7 Datasheet HTML 14Page - Analog Devices AD637JRZ-R7 Datasheet HTML 15Page - Analog Devices AD637JRZ-R7 Datasheet HTML 16Page - Analog Devices AD637JRZ-R7 Datasheet HTML 17Page - Analog Devices AD637JRZ-R7 Datasheet HTML 18Page - Analog Devices AD637JRZ-R7 Datasheet HTML 19Page - Analog Devices AD637JRZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD637
Rev. K | Page 18 of 20
GND1 GND2 GND3 GND4
C1
10µF
25V
C2
10µF
25V
–VS
+
+VS
–VS
+VS
+
+
CF2
47µF
25V
CAV
22µF
16V
+
CF1
47µF
25V
+
C3
0.1µF
CIN
22µF
16V
BUF_OUT
DC_OUT
RMS_IN
DC_OUT
2
1
4
3
6
5
8
7
15
16
13
14
11
12
9
10
NC
BUFF IN
OUTPUT
OFFSET
COMMON
DEN INPUT
CS
NC
Z1
AD637
dB OUTPUT
VIN
BUFF OUT
+VS
NC
RMS OUT
–VS
NC
CAV
R3
4.7kΩ
+VS
C4
0.1µF
–VS
R4
24.3kΩ
R1
1MΩ
R2
50kΩ
DB_OUT
BUF_IN
RMS_IN
R5
24.3kΩ
+VS
+VS
–VS
4
1
2
3
5
6
IN
OUT
FILTER
Figure 30. Evaluation Board Schematic
PRECISION DMM TO
MONITOR VOUT
POWER
SUPPLY
AC OR DC INPUT SIGNAL SOURCE
FROM PRECISION CALIBRATOR
OR FUNCTION GENERATOR
Figure 31. AD637-EVALZ Typical Bench Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com