Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTU3384WM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSTU3384WM
Description  10-Bit Bus Switch with -2V Undershoot Hardened Circuit (UHC?? Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU3384WM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSTU3384WM Datasheet HTML 1Page - Fairchild Semiconductor FSTU3384WM Datasheet HTML 2Page - Fairchild Semiconductor FSTU3384WM Datasheet HTML 3Page - Fairchild Semiconductor FSTU3384WM Datasheet HTML 4Page - Fairchild Semiconductor FSTU3384WM Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 6: This parameter is guaranteed by design but not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage the source (zero output impedance).
Capacitance (Note 7)
Note 7: Capacitance is characterized but not tested.
AC Loading and Waveforms
Note: Input driven by 50
Ω source terminated in 50 Ω, RU = RD = 500 Ω
Note: CL includes load and stray capacitance, CL= 50 pF
Note: Input PRR
= 1.0 MHz, t
W = 500 nS
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
Parameter
TA = −40°C to +85°C
CL = 50 pF, RU = RD = 500Ω
Units
Conditions
Figure No.
VCC = 4.5 − 5.5V
VCC = 4.0V
Min
Max
Min
Max
tPHL, tPLH
Prop Delay Bus to Bus (Note 6)
0.25
0.25
ns
VI = OPEN
Figure 1,
Figure 2
tPZH, tPZL
Output Enable Time
1.0
5.7
6.2
ns
VI = 7V for tPZL
Figure 1,
Figure 2
OEA, OEB to An, Bn
VI = OPEN for tPZH
tPHZ, tPLZ
Output Disable Time
1.5
5.2
5.5
ns
VI = 7V for tPLZ
Figure 1,
Figure 2
OEA, OEB to An, Bn
VI = OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Input Capacitance
3
pF
VCC = 5.0V
CI/O (OFF) Input/Output Capacitance
5
pF
VCC, OE = 5.0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com