Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTU3384WM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSTU3384WM
Description  10-Bit Bus Switch with -2V Undershoot Hardened Circuit (UHC?? Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU3384WM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSTU3384WM Datasheet HTML 1Page - Fairchild Semiconductor FSTU3384WM Datasheet HTML 2Page - Fairchild Semiconductor FSTU3384WM Datasheet HTML 3Page - Fairchild Semiconductor FSTU3384WM Datasheet HTML 4Page - Fairchild Semiconductor FSTU3384WM Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 1999 Fairchild Semiconductor Corporation
DS500195
www.fairchildsemi.com
May 1999
Revised December 1999
FSTU3384
10-Bit Bus Switch with
−2V Undershoot Hardened Circuit (UHC) Protection
General Description
The Fairchild Switch FSTU3384 provides 10 bits of high-
speed CMOS TTL-compatible bus switches. The low on
resistance of the switch allows inputs to be connected to
outputs without adding propagation delay generating addi-
tional ground bounce noise. Both the A Ports and the B
Ports are “undershoot hardened” with UHC
 protection to
support an extended input range to 2.0V below ground.
Fairchild’s integrated Undershoot Hardened Circuit, UHC
senses undershoot at the I/Os, and responds by preventing
voltage differentials from developing and turning on the
switch. The device is organized as two 5-bit switches with
separate bus enable (OE) signals. When OE is LOW, the
switch is ON and Port A is connected to Port B. When OE
is HIGH, the switch is OPEN and a high-impedance state
exists between the two ports.
Features
s 4
Ω switch connection between two ports
s Undershoot Hardened to -2.0V.
s Minimal propagation delay through the switch
s Low lCC.
s Zero ground bounce in flow-through mode
s Control inputs compatible with TTL level
s See Applications Note AN-5008 for details.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Pin Descriptions
Connection Diagram
Truth Table
UHC
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
FSTU3384WM
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MO-153 4.4mm Wide
FSTU3384QSC
MQA24
24-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150” Wide
FSTU3384MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
OEA, OEB
Bus Switch Enable
A0–A9
Bus A
B0–B9
Bus B
OEAOEB
B0–B4
B5–B9
Function
LL
A0–A4
A5–A9
Connect
LH
A0–A4
HIGH-Z State
Connect
H
L
HIGH-Z State
A5–A9
Connect
H
H
HIGH-Z State
HIGH-Z State
Disconnect


Similar Part No. - FSTU3384WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU3384WM FAIRCHILD-FSTU3384WM Datasheet
109Kb / 5P
10-Bit Bus Switch with −2V Undershoot Protection
More results

Similar Description - FSTU3384WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
FSTU16245 FAIRCHILD-FSTU16245 Datasheet
190Kb / 6P
16-Bit Bus Switch with -2V Undershoot Protection
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
20-Bit Bus Switch with -2V Undershoot Protection
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
4-Bit Bus Switch with -2V Undershoot Protection
FSTU32X384 FAIRCHILD-FSTU32X384 Datasheet
241Kb / 6P
20-Bit Low Power Bus Switch with -2V Undershoot Protection
FSTU6800 FAIRCHILD-FSTU6800 Datasheet
181Kb / 5P
10-Bit Bus Switch with Pre-Charged Outputs and −2V Undershoot Hardened Circuit (UHC) Protection
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
20-Bit Bus Switch with -2V Undershoot Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com