Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8616ARM-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8616ARM-R2
Description  Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8616ARM-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8616ARM-R2 Datasheet HTML 1Page - Analog Devices AD8616ARM-R2 Datasheet HTML 2Page - Analog Devices AD8616ARM-R2 Datasheet HTML 3Page - Analog Devices AD8616ARM-R2 Datasheet HTML 4Page - Analog Devices AD8616ARM-R2 Datasheet HTML 5Page - Analog Devices AD8616ARM-R2 Datasheet HTML 6Page - Analog Devices AD8616ARM-R2 Datasheet HTML 7Page - Analog Devices AD8616ARM-R2 Datasheet HTML 8Page - Analog Devices AD8616ARM-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Precision, 20 MHz, CMOS, Rail-to-Rail
Input/Output Operational Amplifiers
AD8615/AD8616/AD8618
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 65 μV maximum
Single-supply operation: 2.7 V to 5.0 V
Low noise: 8 nV/√Hz
Wide bandwidth: >20 MHz
Slew rate: 12 V/μs
High output current: 150 mA
No phase reversal
Low input bias current: 1 pA
Low supply current: 2 mA
Unity-gain stable
APPLICATIONS
Barcode scanners
Battery-powered instrumentation
Multipole filters
Sensors
ASIC input or output amplifiers
Audio
Photodiode amplification
GENERAL DESCRIPTION
The AD8615/AD8616/AD8618 are single/dual/quad, rail-to-
rail, input and output, single-supply amplifiers featuring very
low offset voltage, wide signal bandwidth, and low input voltage
and current noise. The parts use a patented trimming technique
that achieves superior precision without laser trimming. The
AD8615/AD8616/ AD8618 are fully specified to operate from
2.7 V to 5 V single supplies.
The combination of >20 MHz bandwidth, low offset, low noise,
and low input bias current makes these amplifiers useful in a
wide variety of applications. Filters, integrators, photodiode
amplifiers, and high impedance sensors all benefit from the
combination of performance features. AC applications benefit from
the wide bandwidth and low distortion. The AD8615/AD8616/
AD8618 offer the highest output drive capability of the DigiTrim®
family, which is excellent for audio line drivers and other low
impedance applications.
Applications for the parts include portable and low powered
instrumentation, audio amplification for portable devices,
portable phone headsets, bar code scanners, and multipole
filters. The ability to swing rail-to-rail at both the input and
output enables designers to buffer CMOS ADCs, DACs, ASICs,
and other wide output swing devices in single-supply systems.
PIN CONFIGURATIONS
AD8615
TOP VIEW
(Not to Scale)
OUT 1
V– 2
+IN 3
V+
–IN
5
4
Figure 1. 5-Lead TSOT-23 (UJ-5)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8616
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP (RM-8)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8616
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead SOIC (R-8)
AD8618
TOP VIEW
(Not to Scale)
OUT A
OUT D
–IN A
–IN D
+IN A
+IN D
V+
V–
+IN B
+IN C
–IN B
–IN C
14
8
1
7
OUT B
OUT C
Figure 4. 14-Lead TSSOP (RU-14)
AD8618
TOP VIEW
(Not to Scale)
OUT A 1
OUT D
14
–IN A 2
–IN D
13
+IN A 3
+IN D
12
V+ 4
V–
11
+IN B 5
+IN C
10
–IN B 6
–IN C
9
OUT B 7
OUT C
8
Figure 5. 14-Lead SOIC (R-14)
The AD8615/AD8616/AD8618 are specified over the extended
industrial temperature range (−40°C to +125°C). The AD8615
is available in 5-lead TSOT-23 package. The AD8616 is available
in 8-lead MSOP and narrow SOIC surface-mount packages; the
MSOP version is available in tape and reel only. The AD8618 is
available in 14-lead SOIC and TSSOP packages.


Similar Part No. - AD8616ARM-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8616ARM-R2 AD-AD8616ARM-R2 Datasheet
403Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
More results

Similar Description - AD8616ARM-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
OP-184 AD-OP-184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
AD8616 AD-AD8616 Datasheet
495Kb / 16P
Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
4/04-Data Sheet Changed from Rev. 0 to Rev. A
AD8615 AD-AD8615 Datasheet
190Kb / 5P
Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
Rail-to-rail input/output 20 MHz GBP operational amplifiers
11-Feb-2008
logo
Analog Devices
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
Rail-to-rail input/output 20 MHz GBP operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com