Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8616ARM-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8616ARM-R2
Description  Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8616ARM-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8616ARM-R2 Datasheet HTML 9Page - Analog Devices AD8616ARM-R2 Datasheet HTML 10Page - Analog Devices AD8616ARM-R2 Datasheet HTML 11Page - Analog Devices AD8616ARM-R2 Datasheet HTML 12Page - Analog Devices AD8616ARM-R2 Datasheet HTML 13Page - Analog Devices AD8616ARM-R2 Datasheet HTML 14Page - Analog Devices AD8616ARM-R2 Datasheet HTML 15Page - Analog Devices AD8616ARM-R2 Datasheet HTML 16Page - Analog Devices AD8616ARM-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8615/AD8616/AD8618
Rev. E | Page 13 of 20
HIGH SPEED PHOTODIODE PREAMPLIFIER
The AD8615/AD8616/AD8618 are excellent choices for I-to-V
conversions. The very low input bias, low current noise, and
high unity-gain bandwidth of the parts make them suitable,
especially for high speed photodiode preamplifiers.
In high speed photodiode applications, the diode is operated in a
photoconductive mode (reverse biased). This lowers the junction
capacitance at the expense of an increase in the amount of dark
current that flows out of the diode.
The total input capacitance, C1, is the sum of the diode and op
amp input capacitances. This creates a feedback pole that causes
degradation of the phase margin, making the op amp unstable.
Therefore, it is necessary to use a capacitor in the feedback to
compensate for this pole.
To get the maximum signal bandwidth, select
U
f
2
R
1
C
2
C
π
=
2
where fU is the unity-gain bandwidth of the amplifier.
V–
+2.5V
V+
–2.5V
R2
C2
CIN
CD
RSH
ID
–VBIAS
–
+
Figure 44. High Speed Photodiode Preamplifier
ACTIVE FILTERS
The low input bias current and high unity-gain bandwidth of
the AD8616 make it an excellent choice for precision filter design.
Figure 45 shows the implementation of a second-order, low-pass
filter. The Butterworth response has a corner frequency of 100 kHz
and a phase shift of 90°. The frequency response is shown in
Figure 46.
V–
VCC
V+
VEE
2nF
1nF
1.1kΩ
1.1kΩ
VIN
Figure 45. Second-Order, Low-Pass Filter
–40
–30
–20
–10
0
10
1
0.1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 46. Second-Order Butterworth, Low-Pass Filter Frequency Response
POWER DISSIPATION
Although the AD8615/AD8616/AD8618 are capable of providing
load currents up to 150 mA, the usable output, load current,
and drive capability are limited to the maximum power dissipation
allowed by the device package.
In any application, the absolute maximum junction temperature
for the AD8615/AD8616/AD8618 is 150°C. This should never
be exceeded because the device could suffer premature failure.
Accurately measuring power dissipation of an integrated circuit
is not always a straightforward exercise; Figure 47 is a design aid
for setting a safe output current drive level or selecting a heat
sink for the package options available on the AD8616.
TEMPERATURE (°C)
0
0
0.5
1.0
1.5
20
40
60
80
120
100
140
SOIC
MSOP
Figure 47. Maximum Power Dissipation vs. Ambient Temperature
These thermal resistance curves were determined using the
AD8616 thermal resistance data for each package and a
maximum junction temperature of 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com