Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8646WARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8646WARZ-R7
Description  24 MHz Rail-to-Rail Amplifiers with Shutdown Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8646WARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8646WARZ-R7 Datasheet HTML 1Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 2Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 3Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 4Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 5Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 6Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 7Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 8Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
24 MHz Rail-to-Rail Amplifiers
with Shutdown Option
AD8646/AD8647/AD8648
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Offset voltage: 2.5 mV maximum
Single-supply operation: 2.7 V to 5.5 V
Low noise: 8 nV/√Hz
Wide bandwidth: 24 MHz
Slew rate: 11 V/μs
Short-circuit output current: 120 mA
Qualified for automotive applications
No phase reversal
Low input bias current: 1 pA
Low supply current per amplifier: 2 mA maximum
Unity gain stable
APPLICATIONS
Battery-powered instruments
Multipole filters
ADC front ends
Sensors
Barcode scanners
ASIC input or output amplifiers
Audio amplifiers
Photodiode amplifiers
Datapath/mux/switch control
PIN CONFIGURATIONS
OUTA 1
–INA 2
+INA 3
V– 4
V+
8
OUTB
7
–INB
6
+INB
5
AD8646
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOIC and MSOP
OUTA 1
–INA 2
+INA 3
V– 4
SDA 5
V+
10
OUTB
9
–INB
8
+INB
7
SDB
6
AD8647
TOP VIEW
(Not to Scale)
Figure 2. 10-Lead MSOP
1
2
3
4
5
6
7
AD8648
–INA
+INA
V+
OUTB
–INB
+INB
OUTA
14
13
12
11
10
9
8
–IND
+IND
V–
OUTC
–INC
+INC
OUTD
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
AD8648
14
13
12
11
10
9
8
TOP VIEW
(Not to Scale)
Figure 3. 14-Lead SOIC and TSSOP
GENERAL DESCRIPTION
The AD8646 and the AD8647 are the dual, and the AD8648 is
the quad, rail-to-rail, input and output, single-supply amplifiers
featuring low offset voltage, wide signal bandwidth, low input
voltage, and low current noise. The AD8647 also has a low
power shutdown function.
The combination of 24 MHz bandwidth, low offset, low noise,
and very low input bias current makes these amplifiers useful in
a wide variety of applications. Filters, integrators, photodiode
amplifiers, and high impedance sensors all benefit from the
combination of performance features. AC applications benefit
from the wide bandwidth and low distortion. TheAD8646/
AD8647/AD8648 offer high output drive capability, which is
excellent for audio line drivers and other low impedance
applications. The AD8646 and AD8648 are available for
automotive applications (see the Ordering Guide).
Applications include portable and low powered instrumenta-
tion, audio amplification for portable devices, portable phone
headsets, barcode scanners, and multipole filters. The ability to
swing rail to rail at both the input and output enables designers
to buffer CMOS ADCs, DACs, ASICs, and other wide output
swing devices in single-supply systems.


Similar Part No. - AD8646WARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8646WARZ-R7 AD-AD8646WARZ-R7 Datasheet
513Kb / 18P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. F
AD8646WARZ-R7 AD-AD8646WARZ-R7 Datasheet
513Kb / 18P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. F
More results

Similar Description - AD8646WARZ-R7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV116 NSC-LMV116 Datasheet
416Kb / 13P
Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8647 AD-AD8647 Datasheet
580Kb / 20P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV951 NSC-LMV951_14 Datasheet
1Mb / 24P
2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Analog Devices
AD8646 AD-AD8646_15 Datasheet
520Kb / 20P
24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647_15 Datasheet
520Kb / 20P
24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8648 AD-AD8648_15 Datasheet
520Kb / 20P
24 MHz Rail-to-Rail Amplifiers
Rev. E
logo
Texas Instruments
LMV116 TI1-LMV116 Datasheet
1Mb / 23P
LMV118 Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
logo
Analog Devices
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com