Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8646WARZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8646WARZ-R7
Description  24 MHz Rail-to-Rail Amplifiers with Shutdown Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8646WARZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8646WARZ-R7 Datasheet HTML 8Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 9Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 10Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 11Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 12Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 13Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 14Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 15Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8646/AD8647/AD8648
Rev. D | Page 12 of 20
VSY = 2.7V TO 5V
TA = 25°C
TIME (1s/DIV)
Figure 34. 0.1 Hz to 10 Hz Voltage Noise
VSY = 2.7V TO 5V
TA = 25°C
100
10
100
1k
1000
1
10
10k
FREQUENCY (Hz)
Figure 35. Voltage Noise Density vs. Frequency
2.5
0
05.0
SUPPLY VOLTAGE (V)
2.0
1.5
1.0
0.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TA = 25°C
Figure 36. Supply Current per Amplifier vs. Supply Voltage
VSY = 5V
AV = 1
BW = 30kHz
RL = 100kΩ
f = 1kHz
0.01
0.001
0.01
0.001
0.1
1
0.1
0.0001
1
OUTPUT AMPLITUDE (V rms)
Figure 37. THD + Noise vs. Output Amplitude
1000
100
10
1
0.1
25
125
105
80
65
45
TEMPERATURE (°C)
VSY = 5V
Figure 38. Input Bias Current vs. Temperature
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
100
1k
10k
FREQUENCY (kHz)
VSY = 5V
VIN = 4.9V
AV = 1
RL = 10kΩ
TA = 25°C
Figure 39. Maximum Output Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com