Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-1YCPZ-R71 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4932-1YCPZ-R71
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-1YCPZ-R71 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4932-1YCPZ-R71 Datasheet HTML 7Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 8Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 9Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 10Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 11Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 12Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 13Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 14Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. A | Page 11 of 28
–8
–6
–4
–2
0
2
4
1M
10M
100M
1G
10G
FREQUENCY (Hz)
VOUT, dm = 100mV p-p
CL =0pF
CL =0.9pF
CL =1.8pF
Figure 19. Small Signal Frequency Response at Various Capacitive Loads
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
1M
10M
100M
1G
FREQUENCY (Hz)
VOUT, dm = 100mV p-p
ADA4932-1, RL = 1kΩ
ADA4932-1, RL = 200Ω
ADA4932-2, CH 1, RL = 1kΩ
ADA4932-2, CH 1, RL = 200Ω
ADA4932-2, CH 2, RL = 1kΩ
ADA4932-2, CH 2, RL = 200Ω
Figure 20. 0.1 dB Flatness Small Signal Frequency Response for Various Loads
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
1M
10M
100M
1G
FREQUENCY (Hz)
VOUT, cm = 100mV p-p
VOCM (DC) = 0V
VOCM (DC) = +2.5V
VOCM (DC) = –2.5V
Figure 21. VOCM Small Signal Frequency Response at Various DC Levels
–10
–8
–6
–4
–2
0
2
4
10M
100M
1G
FREQUENCY (Hz)
CL =0pF
CL =0.9pF
CL =1.8pF
VOUT, dm = 2V p-p
Figure 22. Large Signal Frequency Response at Various Capacitive Loads
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
1M
10M
100M
1G
FREQUENCY (Hz)
VOUT, dm = 2V p-p
ADA4932-1, RL = 1kΩ
ADA4932-1, RL = 200Ω
ADA4932-2, CH 1, RL = 1kΩ
ADA4932-2, CH 1, RL = 200Ω
ADA4932-2, CH 2, RL = 1kΩ
ADA4932-2, CH 2, RL = 200Ω
Figure 23. 0.1 dB Flatness Large Signal Frequency Response for Various Loads
2
–8
–7
–6
–5
–4
–3
–2
–1
0
1
FREQUENCY (Hz)
VOUT, cm = 2V p-p
1M
1G
100M
10M
VOCM (DC) = 0V
VOCM (DC) = +2.5V
VOCM (DC) = –2.5V
Figure 24. VOCM Large Signal Frequency Response at Various DC Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com