Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-1YCPZ-R71 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4932-1YCPZ-R71
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-1YCPZ-R71 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4932-1YCPZ-R71 Datasheet HTML 8Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 9Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 10Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 11Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 12Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 13Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 14Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 15Page - Analog Devices ADA4932-1YCPZ-R71 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. A | Page 12 of 28
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
100k
1M
10M
100M
FREQUENCY (Hz)
VOUT, dm = 2V p-p
HD2, RL =1kΩ
HD3, RL =1kΩ
HD2, RL =200Ω
HD3, RL =200Ω
Figure 25. Harmonic Distortion vs. Frequency at Various Loads
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
100k
1M
10M
100M
FREQUENCY (Hz)
HD2, ±5.0V
HD3, ±5.0V
HD2, ±2.5V
HD3, ±2.5V
VOUT, dm = 2V p-p
VOCM = 0V
Figure 26. Harmonic Distortion vs. Frequency at Various Supplies
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–4
–3
–2
–1
0
1
2
3
4
VOCM (V p-p)
VOUT = 2V p-p
HD2 AT 10MHz
HD3 AT 10MHz
HD2 AT 30MHz
HD3 AT 30MHz
Figure 27. Harmonic Distortion vs. VOCM at Various Frequencies, ±5 V Supplies
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
100k
1M
10M
100M
FREQUENCY (Hz)
VOUT, dm = 2V p-p
HD2, G = 1
HD3, G = 1
HD2, G = 2
HD3, G = 2
Figure 28. Harmonic Distortion vs. Frequency at Various Gains
–130
–140
–120
–110
–100
–90
–80
–70
–60
–50
–40
01
3
2
4
567
8
9
10
VOUT, dm (V p-p)
VOCM = 0V
HD2, ±5.0V
HD3, ±5.0V
HD2, ±2.5V
HD3, ±2.5V
Figure 29. Harmonic Distortion vs. VOUT, dm and Supply Voltage, f = 10 MHz
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
1.4
1.6
2.0
1.8
2.2
2.4
2.6
2.8
3.0
3.2
3.4
VOCM (V)
VOUT = 2V p-p
HD2 AT 10MHz
HD3 AT 10MHz
HD2 AT 30MHz
HD3 AT 30MHz
Figure 30. Harmonic Distortion vs. VOCM at Various Frequencies, +5 V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com