Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-2YCPZ-R71 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4932-2YCPZ-R71
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-2YCPZ-R71 Datasheet(HTML) 1 Page - Analog Devices

  ADA4932-2YCPZ-R71 Datasheet HTML 1Page - Analog Devices ADA4932-2YCPZ-R71 Datasheet HTML 2Page - Analog Devices ADA4932-2YCPZ-R71 Datasheet HTML 3Page - Analog Devices ADA4932-2YCPZ-R71 Datasheet HTML 4Page - Analog Devices ADA4932-2YCPZ-R71 Datasheet HTML 5Page - Analog Devices ADA4932-2YCPZ-R71 Datasheet HTML 6Page - Analog Devices ADA4932-2YCPZ-R71 Datasheet HTML 7Page - Analog Devices ADA4932-2YCPZ-R71 Datasheet HTML 8Page - Analog Devices ADA4932-2YCPZ-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Low Power
Differential ADC Driver
ADA4932-1/ADA4932-2
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2009 Analog Devices, Inc. All rights reserved.
FEATURES
High performance at low power
High speed
−3 dB bandwidth of 560 MHz, G = 1
0.1 dB gain flatness to 300 MHz
Slew rate: 2800 V/μs, 25% to 75%
Fast 0.1% settling time of 9 ns
Low power: 9.6 mA per amplifier
Low harmonic distortion
100 dB SFDR @ 10 MHz
90 dB SFDR @ 20 MHz
Low input voltage noise: 3.6 nV/√Hz
±0.5 mV typical input offset voltage
Externally adjustable gain
Can be used with fractional differential gains
Differential-to-differential or single-ended-to-differential
operation
Adjustable output common-mode voltage
Input common-mode range shifted down by 1 VBE
Wide supply range: +3 V to ±5 V
Available in 16-lead and 24-lead LFCSP packages
APPLICATIONS
ADC drivers
Single-ended-to-differential converters
IF and baseband gain blocks
Differential buffers
Line drivers
GENERAL DESCRIPTION
The ADA4932-x is the next generation AD8132 with higher
performance, and lower noise and power consumption. It is an
ideal choice for driving high performance ADCs as a single-ended-
to-differential or differential-to-differential amplifier. The output
common-mode voltage is user adjustable by means of an internal
common-mode feedback loop, allowing the ADA4932-x output
to match the input of the ADC. The internal feedback loop also
provides exceptional output balance as well as suppression of
even-order harmonic distortion products.
With the ADA4932-x, differential gain configurations are easily
realized with a simple external four-resistor feedback network that
determines the closed-loop gain of the amplifier.
The ADA4932-x is fabricated using the Analog Devices, Inc.,
proprietary silicon-germanium (SiGe) complementary bipolar
process, enabling it to achieve low levels of distortion and noise
at low power consumption. The low offset and excellent dynamic
performance of the ADA4932-x make it well suited for a wide
variety of data acquisition and signal processing applications.
FUNCTIONAL BLOCK DIAGRAMS
1
–FB
2
+IN
3
–IN
4
+FB
11 –OUT
12 PD
10 +OUT
9VOCM
ADA4932-1
Figure 1. ADA4932-1
ADA4932-2
1
–IN1
2
+FB1
3
+VS1
4
+VS1
5
–FB2
6
+IN2
15 –VS2
16 –VS2
17 VOCM1
18 +OUT1
14 PD2
13 –OUT2
Figure 2. ADA4932-2
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
100k
1M
10M
100M
FREQUENCY (Hz)
VOUT, dm = 2V p-p
HD2, G = 1
HD3, G = 1
HD2, G = 2
HD3, G = 2
Figure 3. Harmonic Distortion vs. Frequency at Various Gains
The ADA4932-x is available in a Pb-free, 3 mm × 3 mm 16-lead
LFCSP (ADA4932-1, single) or a Pb-free, 4 mm × 4 mm 24-lead
LFCSP (ADA4932-2, dual). The pinout has been optimized to
facilitate PCB layout and minimize distortion. The ADA4932-1
and the ADA4932-2 are specified to operate over the −40°C to
+105°C temperature range; both operate on supplies between
+3 V and ±5 V.


Similar Part No. - ADA4932-2YCPZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4932-2YCPZ-R7 AD-ADA4932-2YCPZ-R7 Datasheet
551Kb / 28P
Low Power Differential ADC Driver
REV. 0
ADA4932-2YCPZ-R7 AD-ADA4932-2YCPZ-R7 Datasheet
753Kb / 27P
Low Power, Differential ADC Driver
Rev. E
ADA4932-2YCPZ-R7 AD-ADA4932-2YCPZ-R7 Datasheet
2Mb / 27P
Low Power, Differential ADC Driver
Rev. F
More results

Similar Description - ADA4932-2YCPZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
Low Distortion Differential ADC Driver
3/03-Data Sheet changed from REV. D to REV. E.
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
Low Distortion Differential ADC Driver
Rev. F
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
Low Power Differential ADC Driver
REV. 0
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Analog Devices
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
Low Distortion Differential ADC Driver
Rev. F
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
Low Distortion, Differential ADC Driver
Rev. G
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
Low Power, Differential ADC Driver
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com