Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5501AKSZ-R21 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5501AKSZ-R21
Description  50 MHz to 6 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501AKSZ-R21 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5501AKSZ-R21 Datasheet HTML 14Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 15Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 16Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 17Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 18Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 19Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 20Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 21Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADL5501
Rev. B | Page 18 of
28
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 40 shows the basic connections for the ADL5501. The
device is powered by a single supply of between 2.7 V and 5.5 V,
with a quiescent current of 1.1 mA. The VPOS pin is decoupled
using 100 pF and 0.1 μF capacitors.
The ADL5501 RF input does not require external termination
components because it is internally matched for an overall
broadband input impedance of 50 Ω.
1
6
2
5
3
4
ADL5501
VPOS
FLTR
RFIN
VRMS
ENBL
COMM
CFLTR
RFIN
COUT
VRMS
100pF
0.1µF
+VS 2.7V TO 5.5V
Figure 40. Basic Connections for the ADL5501
OUTPUT SWING
At 900 MHz, the output voltage is nominally 6.3 times the input
rms voltage (a conversion gain of 6.3 V/V rms). The output voltage
swings from near ground to 4.9 V on a 5.0 V supply.
Figure 41 shows the output swing of the ADL5501 to a CW input
for various supply voltages. It is clear from Figure 41 that
operating the device at lower supply voltages reduces the
dynamic range as the output headroom decreases.
10
0.03
0.1
1
–25
–20
–15
–10
–5
0
5
10
15
INPUT (dBm)
5.5V
5.0V
2.7V
3.0V
Figure 41. Output Swing for Supply Voltages of 2.7 V, 3.0 V, 5.0 V, and 5.5 V
LINEARITY
Because the ADL5501 is a linear-responding device, plots of
output voltage vs. input voltage result in a straight line. It is more
useful to plot the error on a logarithmic scale, as shown in
Figure 42. The deviation of the plot for the ideal straight-line
characteristic is caused by output clipping at the high end and
by signal offsets at the low end. However, it should be noted that
offsets at the low end can be either positive or negative; therefore,
this plot could also trend upwards at the low end. Figure 10
through Figure 12 and Figure 16 through Figure 18 show error
distributions for a large population of devices at specific
frequencies.
3
2
1
0
–1
–2
–3
–25
15
10
5
0
–5
–10
–15
–20
INPUT (dBm)
100MHz
450MHz
900MHz
1900MHz
2350MHz
2700MHz
4000MHz
5000MHz
6000MHz
Figure 42. Representative Unit, Error in dB vs. Input Level, VS = 5.0 V
It is also apparent in Figure 42 that the error plot tends to shift
to the right with increasing frequency. The squaring cell has an
input impedance that decreases with frequency. The matching
network compensates for the change and maintains the input
impedance at a nominal 50 Ω. The result is a decrease in the
actual voltage across the squaring cell as the frequency increases,
reducing the conversion gain. Similarly, conversion gain is less
at frequencies near 100 MHz because of the small on-chip
coupling capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com