Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5501AKSZ-R21 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5501AKSZ-R21
Description  50 MHz to 6 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501AKSZ-R21 Datasheet(HTML) 2 Page - Analog Devices

  ADL5501AKSZ-R21 Datasheet HTML 1Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 2Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 3Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 4Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 5Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 6Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 7Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 8Page - Analog Devices ADL5501AKSZ-R21 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADL5501
Rev. B | Page 2 of 2
8
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 9
 
ESD Caution.................................................................................. 9
 
Pin Configuration and Function Descriptions........................... 10
 
Typical Performance Characteristics ........................................... 11
 
Circuit Description......................................................................... 17
 
Filtering........................................................................................ 17
 
Applications Information .............................................................. 18
 
Basic Connections ...................................................................... 18
 
Output Swing .............................................................................. 18
 
Linearity....................................................................................... 18
 
Input Coupling Using a Series Resistor................................... 19
 
Multiple RF Inputs ..................................................................... 19
 
Selecting the Square-Domain Filter and Output Low-Pass
Filter ............................................................................................. 19
 
Power Consumption, Enable, and Power-On/Power-Off
Response Time............................................................................ 20
 
Output Drive Capability and Buffering................................... 21
 
VRMS Output Offset ................................................................. 21
 
Device Calibration and Error Calculation.............................. 22
 
Calibration for Improved Accuracy......................................... 22
 
Drift over a Reduced Temperature Range .............................. 23
 
Operation Below 100 MHz ....................................................... 23
 
Evaluation Board ........................................................................ 23
 
Outline Dimensions ....................................................................... 25
 
Ordering Guide .......................................................................... 25
 
REVISION HISTORY
3/09—Rev. A to Rev. B
Change to Features ........................................................................... 1
Changes to Table 1............................................................................ 3
Changes to Figure 4, Figure 5, Figure 7, and Figure 9 ............... 10
Deleted Figure 17 and Figure 21; Renumbered Sequentially ... 12
Changes to Figure 18 and Figure 21............................................. 13
Changes to Figure 36 and Figure 39............................................. 16
Changes to Figure 42...................................................................... 18
Changes to Operation Below 100 MHz Section......................... 23
Deleted Figure 56............................................................................ 22
Deleted Figure 57............................................................................ 23
10/07—Rev. 0 to Rev. A
Changes to General Description .....................................................1
Changes to Table 1.............................................................................3
Changes to Figure 30, Figure 32, and Figure 33 ......................... 14
Changes to Figure 35, Figure 37, and Figure 38 ......................... 15
Changes to Circuit Description Section...................................... 16
Changes to Layout and Operation Below 100 MHz and
Above 4.0 GHz Section.................................................................. 22
Inserted Figure 56........................................................................... 22
Inserted Figure 57........................................................................... 23
Changes to Figure 58...................................................................... 23
Deleted Figure 57 and Figure 58 .................................................. 24
Changes to Figure 59 and Figure 60............................................. 24
9/06—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com